Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1210 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ISC-1210
Description  Wirewound, Surface-Mount, Molded, Shielded Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC-1210 Datasheet(HTML) 1 Page - Vishay Siliconix

  ISC-1210 Datasheet HTML 1Page - Vishay Siliconix ISC-1210 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISC-1210
www.vishay.com
Vishay Dale
Revision: 10-Sep-2019
1
Document Number: 34060
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound, Surface-Mount, Molded, Shielded Inductors
Note
(1) Rated DC current based on the maximum temperature rise, not
to exceed 40 °C at +85 °C ambient
FEATURES
• Molded construction provides superior strength
and moisture resistance
• Tape and reel packaging for automatic handling,
2000/reel, EIA-481
• Compatible with vapor phase, infrared, and
wave soldering methods
• Shielded construction minimizes coupling to
other components
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
ELECTRICAL SPECIFICATIONS
Inductance range: 0.01 μH to 100 μH
Special tolerances available upon request
Operating temperature: -55 °C to +125 °C
Coilform material: non-magnetic for 0.01 μH to 0.10 μH;;
powdered iron for 0.12 μH to 100 μH
TEST EQUIPMENT
• H/P 4342A Q meter with Vishay Dale test fixture or equivalent
• H/P 4191A RF impedance analyzer (for SRF measurements)
• Wheatstone bridge
Note
(1) Recommended minimum spacing between components
STANDARD ELECTRICAL SPECIFICATIONS
IND.
(μH)
TOL.
TEST
FREQ.
(MHz)
Q
MIN.
SRF
MIN.
(MHz)
DCR
MAX.
(
)
RATED DC
CURRENT
(mA) (1)
L & Q
0.010
± 20 %
50
50
1000
0.10
810
0.012
± 20 %
50
50
1000
0.11
750
0.015
± 20 %
50
50
1000
0.12
720
0.018
± 20 %
50
50
1000
0.13
690
0.022
± 20 %
50
45
1000
0.15
640
0.027
± 20 %
50
45
1000
0.17
610
0.033
± 20 %
50
45
1000
0.18
585
0.039
± 20 %
50
40
1000
0.24
530
0.047
± 20 %
50
40
1000
0.26
495
0.056
± 20 %
50
40
1000
0.28
485
0.068
± 20 %
50
40
1000
0.35
475
0.082
± 20 %
50
38
900
0.45
460
0.10
± 20 %
50
36
700
0.50
450
0.12
± 20 %
25.2
40
500
0.20
630
0.15
± 20 %
25.2
40
470
0.20
600
0.18
± 20 %
25.2
40
400
0.24
580
0.22
± 20 %
25.2
40
330
0.30
565
0.27
± 20 %
25.2
40
310
0.33
500
0.33
± 20 %
25.2
40
280
0.36
475
0.39
± 20 %
25.2
40
230
0.40
465
0.47
± 20 %
25.2
40
220
0.44
460
0.56
± 20 %
25.2
40
200
0.46
455
0.68
± 20 %
25.2
40
180
0.48
450
0.82
± 20 %
25.2
40
160
0.50
450
1.0
± 10 %
7.96
30
120
0.60
400
1.2
± 10 %
7.96
30
110
0.65
390
1.5
± 10 %
7.96
30
90.0
0.75
370
1.8
± 10 %
7.96
30
85.0
0.85
350
2.2
± 10 %
7.96
30
65.0
0.90
320
2.7
± 10 %
7.96
30
60.0
1.00
290
3.3
± 10 %
7.96
30
60.0
1.10
270
3.9
± 10 %
7.96
30
58.0
1.20
250
4.7
± 10 %
7.96
30
52.0
1.25
220
5.6
± 10 %
7.96
30
50.0
1.40
210
6.8
± 10 %
7.96
30
40.0
1.60
205
8.2
± 10 %
7.96
30
35.0
1.65
195
10.0
± 10 %
2.52
30
30.0
2.00
185
12.0
± 10 %
2.52
30
24.0
2.30
175
15.0
± 10 %
2.52
30
20.0
2.50
165
18.0
± 10 %
2.52
30
17.0
2.70.
155
22.0
± 10 %
2.52
30
16.0
3.10
150
27.0
± 10 %
2.52
30
14.5
3.30
125
33.0
± 10 %
2.52
30
14.5
5.10
115
39.0
± 10 %
2.52
30
14.0
5.90
105
47.0
± 10 %
2.52
30
13.0
8.00
100
56.0
± 10 %
2.52
30
11.5
10.0
95
68.0
± 10 %
2.52
30
11.0
10.0
90
82.0
± 10 %
2.52
30
11.0
11.0
85
100.0
± 10 %
0.796
30
6.0
12.0
80
DIMENSIONS in inches [millimeters]
PART MARKING
- Vishay Dale
- Inductance code
- Date code
Guidelines for
Parallel Component
Printed Circuit
Mounting Pads on
ISC-1210 Chip
Inductors
0.030 [0.762]
Typ.
0.098 ± 0.008
[2.49 ± 0.203]
0.040
[1.02]
0.020
(1)
[0.508]
0.039
[1.0]
0.039
[1.0]
0.070 [1.8]
0.118
[3.0]
0.118
[3.0]
0.138
[3.5]
0.073 [1.85]
Ref.
0.087 ± 0.008
[2.21 ± 0.203]
0.126 ± 0.008
[3.20 ± 0.203]
0.028 ± 0.004
[0.711 ± 0.102]
Typ.
0.006 [0.152]
Ref. Typ.
DESCRIPTION
ISC-1210
10 μH
± 10 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC® LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
S
C
1
2
1
0
E
R
1
0
0
K
PRODUCT
FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.


Similar Part No. - ISC-1210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1210 VISHAY-ISC-1210 Datasheet
138Kb / 1P
Surface Mount, Molded, Shielded Inductor
28-Aug-02
ISC-1210 VISHAY-ISC-1210 Datasheet
79Kb / 2P
Surface Mount, Molded, Shielded Inductor
22-May-07
ISC-1210 VISHAY-ISC-1210 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ISC-1210 VISHAY-ISC-1210 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
logo
ORing Industrial Networ...
ISC-1210F-I ORING-ISC-1210F-I Datasheet
1,014Kb / 3P
Industrial RS-422/485 repeater
More results

Similar Description - ISC-1210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC1210ER100K VISHAY-IMC1210ER100K Datasheet
72Kb / 2P
Wirewound, Surface Mount Molded Inductors
15-Mar-11
ISC1812ER121K VISHAY-ISC1812ER121K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812ER101K VISHAY-ISC1812ER101K Datasheet
91Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812RQ1R0K VISHAY-ISC1812RQ1R0K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC1812ES101K VISHAY-ISC1812ES101K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
IMC1210ER1R0K VISHAY-IMC1210ER1R0K Datasheet
72Kb / 2P
Wirewound, Surface Mount Molded Inductors
15-Mar-11
IMC-1210 VISHAY-IMC-1210_17 Datasheet
78Kb / 2P
Wirewound, Surface Mount Molded Inductors
02-Jun-15
ISC-1210 VISHAY-ISC-1210_17 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1812 VISHAY-ISC-1812_17 Datasheet
94Kb / 3P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1812 VISHAY-ISC-1812_V01 Datasheet
84Kb / 3P
Wirewound, Surface-Mount, Molded, Shielded Inductors
10-Sep-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com