Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1981N Datasheet(PDF) 2 Page - AUK corp

Part # 2SA1981N
Description  PNP Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2SA1981N Datasheet(HTML) 2 Page - AUK corp

  2SA1981N Datasheet HTML 1Page - AUK corp 2SA1981N Datasheet HTML 2Page - AUK corp 2SA1981N Datasheet HTML 3Page - AUK corp 2SA1981N Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-T0C037-000
2
Absolute Maximum Ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
-35
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-800
mA
Collector power dissipation
PC
400
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ. Max.
Unit
Collector-emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-30
-
-
V
Collector cut-off current
ICBO
VCB=-35V, IE=0
-
-
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-
-
-0.1
µA
DC current gain
hFE
*
VCE=-1V, IC=-100mA
100
-
320
-
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-20mA
-
-
-0.5
V
Base-emitter voltage
VBE
VCE=-1V, IC=-100mA
-
-0.73
-0.95
V
Transition frequency
fT
VCE=-5V, IC=-10mA
-
200
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
19
-
pF
*
: hFE rank / O : 100~200, Y : 160~320
2SA1981N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com