Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR6M00G55B-R0 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd

Part # CSTCR6M00G55B-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR6M00G55B-R0 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR6M00G55B-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Document No. JGC42-8795
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 13/19
表
2 Table 2
耐洗浄性
Washability
洗浄液
Cleaning
Solvent
項目
Item
代替フロン
(HCFC)、IPA、純水、
クリンスルー
750H、パインアルファ100S、テクノケアFRW
HCFC, Isopropanol, Tap water, Demineralized water
Cleanthrough750H, Pine alpha 100S, Techno care FRW
製品と洗浄液の
温度差
:ΔT
*1
Temperature
Difference: ΔT *1
[ΔT=製品温度
-洗浄液温度]
[ΔT = Component
- solvent]
Δ
T≦60℃であること。
Δ
T≦60°C
洗浄条件
Condition
(1) 超音波洗浄
Ultrasonic
Wash
液温
+60℃以下の上記洗浄液中で周波数28kHz、出力20W/L
の超音波洗浄を
1分以下で行います。
1 minute max. in above solvent at +60°C max. (Frequency :
28kHz, Output : 20W/L)
(2) 浸漬洗浄
Immersion
Wash
液温
+60℃以下の上記洗浄液中で5分以下の浸漬洗浄を行い
ます。
5 minutes max. in above solvent at +60°C max.
(3) シャワー洗浄
または
すすぎ洗浄
Shower or
Rinse
Wash
液温
+60℃以下の上記洗浄液中で5分以下のすすぎ洗浄また
はシャワー洗浄を行います。
5 minutes max. in above solvent at +60°C max.
(4)
乾燥条件
Drying
+80℃以下のエアーブローで1~5分間乾燥します。
5 minutes max. by air blow at +80°C max.
*1 ex.製品温度+90℃の時、+60℃の洗浄液に浸漬した場合ΔT=30℃となります。
In case the component at +90°C immerses into cleaning solvent at +60°C, then ΔT=30°C.
注意事項
Notice:
1.洗浄を長時間行うと不具合の原因となりますので、トータルで10分以内にして下さい。
Total washing time should be within 10 minutes.
2.実装状態により不具合が発生することがありますので十分評価を行って下さい。
Please insure the component is thoroughly evaluated in your application circuit.
3.塩素系洗浄剤、石油系洗浄剤、アルカリ系洗浄剤での洗浄により不具合が発生すること
がありますので、ご使用はお避け下さい。
The component may be damaged if it is washed with chlorine, petroleum or alkali
cleaning solvent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com