Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCR6M29G55B-R0 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd

Part # CSTCR6M29G55B-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR6M29G55B-R0 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR6M29G55B-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Document No. JGC42-8813
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 16/19
13-4-2 推奨はんだ条件 Recommendable Soldering Profile
予熱
Pre-heating
150°C to 180°C
60s to 120s
加熱部
Heating
220°C 以上/min.
30s to 60s
ピーク温度
Peak temperature
上限
/upper limit 260°C 1s 以内/max.
下限
/lower limit 245°C 5s 以内/max.
*温度は部品表面付近で測定します。
*Temperature shall be measured on the surface of component.
13-4-3 推奨こて付け条件 Recommendable Soldering with Iron
はんだこてのこて先温度
Heating of the soldering iron
350°C 以下/max.
はんだこてのワット数
Watt
30W 以下/max.
はんだこてのこて先形状
Shape of the soldering iron
φ
3mm 以下/max.
はんだ付け時間
Soldering Time
1端子あたり5秒 以内
5s max. at one terminal
はんだ
Solder
Sn-3.0Ag-0.5Cu
Gradual
Cooling
徐冷
加熱部
Heating
Pre-heating
ピーク
Peak
予熱
(150-180°C)
60~120s
(220°C 以上/min.)
30~60s
150
180
220
245
260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com