Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP030 Datasheet(PDF) 1 Page - AUK corp

Part # DP030
Description  PNP Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

DP030 Datasheet(HTML) 1 Page - AUK corp

  DP030 Datasheet HTML 1Page - AUK corp DP030 Datasheet HTML 2Page - AUK corp DP030 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-9087-000
1
DP030
PNP Silicon Transistor
Z
Features
• Extremely low collector-to-emitter saturation voltage
( V
CE(SAT)= -0.15V Typ. @IC /IB=-100mA/-10mA)
• Suitable for low voltage large current drivers
• Complementary pair with DN030
• Switching Application
Ordering Information
Type NO.
Marking
Package Code
DP030
DP030
TO-92
Outline Dimensions
unit : mm
Z
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Emitter
2. Collector
3. Base


Similar Part No. - DP030

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
DP030 KODENSHI-DP030 Datasheet
66Kb / 3P
Extremely low collector-to-emitter saturation voltage
logo
AUK corp
DP030E AUK-DP030E Datasheet
59Kb / 3P
PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
DP030E KODENSHI-DP030E Datasheet
60Kb / 3P
PNP Silicon Transistor
logo
AUK corp
DP030S AUK-DP030S Datasheet
72Kb / 3P
Extremely low collector-to-emitter saturation voltage
logo
KODENSHI_AUK CORP.
DP030S KODENSHI-DP030S Datasheet
61Kb / 3P
Extremely low collector-to-emitter saturation voltage
More results

Similar Description - DP030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com