Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP030E Datasheet(PDF) 2 Page - AUK corp

Part # DP030E
Description  PNP Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

DP030E Datasheet(HTML) 2 Page - AUK corp

  DP030E Datasheet HTML 1Page - AUK corp DP030E Datasheet HTML 2Page - AUK corp DP030E Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-4010--000
2
DP030E
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
V
CBO
-15
V
Collector-Emitter voltage
V
CEO
-12
V
Emitter-Base voltage
V
EBO
-5
V
Collector current
I
C
-300
mA
Collector dissipation
P
C
150
mW
Junction temperature
T
j
150
°C
Storage temperature
T
stg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BV
CBO
I
C=-50µA, IE=0
-15
-
-
V
Collector-Emitter breakdown voltage
BV
CEO
I
C=-1mA, IB=0
-12
-
-
V
Emitter-Base breakdown voltage
BV
EBO
I
E=-50µA, IC =0
-5
-
-
V
Collector cut-off current
I
CBO
V
CB=-12V, IE=0
-
-
-0.1
µA
Emitter cut-off current
I
EBO
V
EB =-5V, IC =0
-
-
-0.1
µA
h
FE1
V
CE=-1V, IC =-100mA
200
-
450
-
DC current gain
h
FE2
V
CE=-1V, IC =-300mA
70
-
-
-
V
CE(sat1)
I
C=-100mA, IB =-10mA
-
-
-0.2
V
Collector-Emitter saturation voltage
V
CE(sat2)
I
C=-300mA, IB =-30mA
-
-
-0.5
V
V
BE(sat1)
I
C=-100mA, IB =-10mA
-
-
-1.2
V
Base-Emitter saturation voltage
V
BE(sat2)
I
C=-300mA, IB =-30mA
-
-
-1.7
V
Transition frequency
f
T
V
CE=-5V, IC =-10mA
-
350
-
MHz
Collector output capacitance
C
ob
V
CB=-10V, IE=0, f=1MHz
-
4
-
PF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com