Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6604 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJS6604
Description  30V Complementary Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6604 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJS6604 Datasheet HTML 1Page - Pan Jit International Inc. PJS6604 Datasheet HTML 2Page - Pan Jit International Inc. PJS6604 Datasheet HTML 3Page - Pan Jit International Inc. PJS6604 Datasheet HTML 4Page - Pan Jit International Inc. PJS6604 Datasheet HTML 5Page - Pan Jit International Inc. PJS6604 Datasheet HTML 6Page - Pan Jit International Inc. PJS6604 Datasheet HTML 7Page - Pan Jit International Inc. PJS6604 Datasheet HTML 8Page - Pan Jit International Inc. PJS6604 Datasheet HTML 9Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PJS6604
January 20,2022
PJS6604-REV.01
Page 2
N-Channel Electrical Characteristics (TA=25
o
C unless otherwise noted)
NOTES :
1.
Pulse width<300us, Duty cycle<2%
2.
Essentially independent of operating temperature typical characteristics.
3.
RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins mounted on a 1 inch FR-4 with 2oz. square pad of copper.
4.
The maximum current rating is package limited.
5.
Guaranteed by design, not subject to production testing
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250uA
30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
0.4
0.72
1.2
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V, ID=4.4A
-
37
48
m
Ω
VGS=4.5V, ID=3.6A
-
40
53
VGS=2.5V, ID=2.5A
-
48
66
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
-
-
1
uA
Gate-Source Leakage Current
IGSS
VGS=+12V, VDS=0V
-
-
+100
nA
Dynamic(Note 5)
Total Gate Charge
Qg
VDS=15V, ID=4.4A,
VGS=10V(Note 1,2)
-
11.3
-
nC
Gate-Source Charge
Qgs
-
1
-
Gate-Drain Charge
Qgd
-
1.2
-
Input Capacitance
Ciss
VDS=15V, VGS=0V,
f=1.0MHZ
-
447
-
pF
Output Capacitance
Coss
-
34
-
Reverse Transfer Capacitance
Crss
-
22
-
Turn-On Delay Time
td(on)
VDD=15V, ID=4.4A,
VGS=10V,
RG=3
Ω(Note 1,2)
-
1.7
-
ns
Turn-On Rise Time
tr
-
38
-
Turn-Off Delay Time
td(off)
-
82
-
Turn-Off Fall Time
tf
-
64
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
1.5
A
Diode Forward Voltage
VSD
IS=1.0A, VGS=0V
-
0.77
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com