Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP25 Datasheet(PDF) 2 Page - AUK corp

Part # SIP25
Description  IC protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SIP25 Datasheet(HTML) 2 Page - AUK corp

  SIP25 Datasheet HTML 1Page - AUK corp SIP25 Datasheet HTML 2Page - AUK corp SIP25 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSI-9054-002
2
SIP25
■ Product Name Code : SIP25
Product
Name
Rated
Current
Trip Current
Characteristics
Internal
Resistance
Max rated
Voltage.
Operating
Temperature
Storage
Temperature
SIP25
1.0[A]
Fig.1
0.080[Ω] Typ.
50[V]
-30~ +125 [℃]
-30~ +125[℃]
Internal resistance is w
※
ith in ±20% of it’s typical value
※
Trip current should be designed to be 400% 1000% (in PT=1msec 100msec)
∼∼
Temperature constant of internal resistance is 0.004/
※℃
■ Trip Current Characteristics. (Fig.1)
The Trip current characteristics given represent typical values.
Technical documentation regarding ways of using current protectors is available from AUK representative.
■ Marking
SIP : means IC Protector of AUK
25 : means rating current =1.0A
▲ : year code.
●● : work weekly code.
S I P
25 ▲●●



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com