Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-5721 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-5721
Description  NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-5721 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-5721 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-5721 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-5721 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-5721 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-5721
Ordering Information
Part No.
CPU
Memory Flash
Memory UART LAN
USB
2.0
Display
PCIe SD I2S
I2C SPI WiFi/
BT
Size
Power
input
Operating
Temperature
ROM-5721CQ-REA2E
i.MX8M Mini Quad
2GB
16GB
4
1
5
1 x Dual ch LVDS
1
1
2
4
2
-
82 x 50 x 5 mm
3 ~ 5.25V
0 ~ 60 °C
ROM-5721CD-RDA2E
i.MX8M Mini Dual
1GB
8GB
4
1
5
1 x MIPI DSI
1
1
2
4
2
-
82 x 50 x 5 mm
3 ~ 5.25V
0 ~ 60 °C
ROM-5721CS-RDA2E
i.MX8M Mini Solo
1GB
N/A
4
1
1
1 x MIPI DSI
1
1
2
4
2
-
82 x 50 x 5 mm
3 ~ 5.25V
0 ~ 60 °C
ROM-5721WQ-QEA2E
i.MX8M Mini Quad
2GB
16GB
4
1
5
1 x Dual ch LVDS
1
1
2
4
2
-
82 x 50 x 5 mm
3 ~ 5.25V
-40 ~ 85 °C
ROM-5721WD-QDA2E
i.MX8M Mini Dual
1GB
8GB
4
1
5
1 x MIPI DSI
1
1
2
4
2
-
82 x 50 x 5 mm
3 ~ 5.25V
-40 ~ 85 °C
ROM-5721WS-QDA2E
i.MX8M Mini Solo
1GB
N/A
4
1
1
1 x MIPI DSI
1
1
2
4
2
-
82 x 50 x 5 mm
3 ~ 5.25V
-40 ~ 85 °C
*QUAD-Lite/DUAL-Lite/SOLO-Lite SoC, DRAM and eMMC of other capacity are available through project-based support. Please contact sales for details.
Dimensions
Unit: mm
82.0
39.0
4.0
Ø2.7
Ø6.0
R2
74.0
Development Board
Part No.
Description
ROM-DB5901-SWA1
Development Board for SMARC 2.0 Module
Optional Accessories
Part No.
Description
1701100300
Debug port cable for ROM-5721
1700019474
D-SUB 9P(F)/D-SUB 9P(F) RS232/RS485 100c
1970004648T001
Heat Spreader
1970005259T001
Semi Heat Sink (0 ~ 60 °C)
1970005260T001
Semi Heat Sink (-40 ~ 85 °C)
193B021490
Screw for Heat Spreader and Semi Heat Sink
96PSA-A36W12R1-3
ADAPTER 100-240V 36W 12V 3A
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Cord 3P Europe (WS-010+WS-083) 183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700008921
Power Cord 3P PSE 183cm
SQF-ISDM1-16G-21C
SQF SD Card I-SD UHS-I MLC 16G (0~70°C)
SQF-ISDM1-16G-21E
SQF I-SD UHS-I MLC 16G (-40~85°C)
EWM-W163M201E
802.11 a/b/g/n/ac,QCA6174A,2T2R,w/BT4.1,M.2 2230
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
1750007965-01
Antenna Cable R/P SMA (M) to MHF4, 300mm
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCI-L280H
1750007990-01
Antenna 4G/LTE full band L=11 cm 50 Ohm
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
OS Specification
Operating System
Version Support
Linux
Yocto 2.5
Android
Android 9.0
Please visit https://advt.ch/aim-linux-download to know our latest software update
SW Specification
Software Application
Function Support
SUSI API
I2C, GPIO, SPI, WDT, RTC, Backlight Control
WISE-PaaS/DeviceOn
Built-in
LPDDR4
eMMC
QSPI
TPM 2.0
RTC
Wi-Fi/BT SiP module
(*optional)
UART x 4
MIPI-CSI
I2C x 4
PCIE
SDIO
SPI x 2
I2S x 2
USB OTG
GPIO x 12
RGMII
GbE MDI
PHY
MIPI DSI
LVDS
MIPI DSI
Bridge
DP
Bridge
USB 2.0
USB 2.0 x 4
USB Hub
NXP ARM Cortex-A53
i.MX8M Mini 1.8GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com