Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-5721CS-RDA2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-5721CS-RDA2E
Description  NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-5721CS-RDA2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-5721CS-RDA2E Datasheet HTML 1Page - Advantech Co., Ltd. ROM-5721CS-RDA2E Datasheet HTML 2Page - Advantech Co., Ltd. ROM-5721CS-RDA2E Datasheet HTML 3Page - Advantech Co., Ltd. ROM-5721CS-RDA2E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
RoHS
COMPLIANT
2002/95/EC
NXP i.MX8M Mini Cortex®-A53
SMARC 2.0/2.1 Computer-on-Module
ROM-5721
ƒ
NXP i.MX 8M Mini processor with up to 4 Arm Cortex A53 cores
ƒ
1 x Arm Cortex-M4 cores
ƒ
Onboard LPDDR4 memory and eMMC
ƒ
1 x 4 lane MIPI-CSI,1 x Dual channel LVDS or 1 x Display Port
ƒ
4 x USB2.0, 1 x USB 2.0 OTG, 4 x UART, 4 x I2C, 12 x GPIO, 1 x PCIe2.0,
1x Gigabit LAN
ƒ
Support OpenGL ES 2.0/1.1 by hardware accelerators
ƒ
Low power consumption design
ƒ
Support Linux and Android BSP
Introduction
Advantech ROM-5721 SMARC 2.0/2.1 Computer-on-Module is powered by NXP i.MX8M Mini SOC which includes up to 4 Arm Cortex-A53 cores in combination with one Cortex-M4
real time processor and Vivante GC320 , GC NanoUltra 3D graphics engine. It provides USB2.0, Gigabit Ethernet, MIPI-CSI, PCI Express, Dual channel LVDS shared with MIPI-DSI
for embedded applications.
ROM-5721 is paired with Advantech ROM-DB5901 carrier board for faster end product peripheral integration and time-to-market. The reference schematics and layout checklists
documentations for carrier board development will be provided along with the open-sourced Linux BSP, test utilities, hardware design utilities and reference drivers.
Specifications
Form Factor
SMARC2.0 & SMARC2.1 compliance
Processor System
CPU
NXP i.MX 8M Mini up to 4 Arm Cortex A53 cores, up to 1.8GHz
MCU
1 x Arm Cortex-M4 core
Memory
Technology
LPDDR4-1866
Capacity
Onboard 1GB/2GB LPDDR4
Flash
8/16 GB eMMC NAND Flash for O.S. and 8 MB QSPI NOR Flash for board information
Graphics
LVDS/MIPI DSI
1 x 4 lane MIPI-CSI,1 x Dual channel LVDS or 1 x Display Port up to 1080P
HDMI
-
Parallel RGB
-
VGA
-
Graphics Engine
Vivante GC320, GC NanoUltra 3D GPU
Support OpenGL ES 2.0, VG 1.1
H/W Video Codec
Decoder: H.265, H.264, VP8/9 1080p Encoder:H.264, VP8 1080p
Ethernet
Chipset
1 x NXP i.MX8M Mini GbE controller
Speed
10/100/1000 Mbps
RTC
RTC
Yes
WatchDog Timer
Yes
Security
TPM 2.0
I/O
PCIe
1 x PCIe 2.0
SATA
-
USB
4 USB 2.0
1 USB 2.0 OTG
Audio
2 x I2S
SPDIF
-
SDIO
1
Serial Port
2 x 4-wire UART and 2 x 2-wire UART
SPI
2
CAN
-
GPIO
12
I2C
4
Camera Input
1 x 4-lane MIPI CSI
System Bus
-
Touch
-
Keypad
-
Power
Power Supply Voltage
Fixed 5V DC source and allow 3.3 V ~ 5.25 V operates directly from single level Lithium Ion cells
Power Consumption
3.45W*
Environment
Operating Temperature
0 ~ 60 °C/ -40 ~ 85 °C
Operating Humidity
5 ~ 95% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
82 x 50 mm
Operation System
Linux & Android
Certifications
CE/FCC Class B
NEW
All product specifications are subject to change without notice.
Last updated: 7-Jul-2022


Similar Part No. - ROM-5721CS-RDA2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720CD-PEA2E ADVANTECH-ROM-5720CD-PEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720CQ-PEA2E ADVANTECH-ROM-5720CQ-PEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720WD-OEA2E ADVANTECH-ROM-5720WD-OEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720WQ-OEA2E ADVANTECH-ROM-5720WQ-OEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
More results

Similar Description - ROM-5721CS-RDA2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3720 ADVANTECH-EPC-R3720 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-5620 ADVANTECH-ROM-5620 Datasheet
3Mb / 4P
NXP i.MX8X Cortex®-A35 SMARC 2.0/2.1 Computer-on-Module
16-Jun-2022
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5722 ADVANTECH-ROM-5722 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
16-Aug-2022
ROM-5780 ADVANTECH-ROM-5780 Datasheet
3Mb / 5P
Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
7-Jul-2021
ROM-DK5720 ADVANTECH-ROM-DK5720 Datasheet
278Kb / 2P
Development Kit for SMARC 2.0/2.1 Computer-on-Module ROM-5720
17-Jul-2020
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
logo
BCM Advanced Research.
SMA-X8I BCM-SMA-X8I Datasheet
745Kb / 1P
NXP i.MX 8M Mini SMARC Module
2022/02/08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com