Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-5722WD-RFA1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-5722WD-RFA1E
Description  NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-5722WD-RFA1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-5722WD-RFA1E Datasheet HTML 1Page - Advantech Co., Ltd. ROM-5722WD-RFA1E Datasheet HTML 2Page - Advantech Co., Ltd. ROM-5722WD-RFA1E Datasheet HTML 3Page - Advantech Co., Ltd. ROM-5722WD-RFA1E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Arm Computing Platforms
Features
RoHS
COMPLIANT
2002/95/EC
NXP i.MX8M Plus Cortex®-A53
SMARC 2.1 Computer-on-Module
ROM-5722
ƒ
NXP Arm® Cortex®-A53 i.MX8M Plus Quad/Dual up to 1.8 GHz
ƒ
1 x Arm Cortex-M7 core
ƒ
Onboard LPDDR4 4 GB/6 GB, 4000MT/s memory
ƒ
1 x HDMI 2.0, 1 x 4 lane MIPI-DSI,1 x Dual channel LVDS
ƒ
2 x USB3.2 Gen1By1, 4 x USB2.0, 1 x USB 2.0 OTG, 4 x UART, 5 x I2C,
14 x GPIO, 1 x PCIe3.0, 2 x Gigabit LAN, 2 x CAN (CANBus for CQ, CAN-FD
for WQ)
ƒ
Neural network accelerator up to 2.3 TOPS
ƒ
Supports Ycoto Linux and Android
Introduction
Advantech ROM-5722 SMARC 2.1 Computer-on-Module is powered by NXP i.MX8M Plus SOC which includes up to 4 Arm Cortex-A53 cores in combination with one Cortex-M7
real time processor and Vivante GC7000UL graphics engine. It provides USB2.0, USB3.2 Gen1By1, Gigabit Ethernet, MIPI-CSI, PCI Express, Dual channel LVDS shared with MIPI-
DSI for embedded applications.
ROM-5722 is paired with Advantech SOM-DB2510 carrier board for faster end product peripheral integration and time-to-market. The reference schematics and layout checklists
documentations for carrier board development will be provided along with the open-sourced Linux BSP, test utilities, hardware design utilities and reference drivers.
Specifications
Form Factor
SMARC2.0 & SMARC2.1 compliance
Processor System
CPU
NXP i.MX8M Plus Cortex-A53 Quad/Dual core (up to 1.8GHz)
MCU
1 x Arm Cortex-M7 core
Memory
Technology
LPDDR4 4000MT/s
Capacity
On-board 4GB/6GB LPDDR4
Flash
16 GB eMMC NAND Flash for O.S. and 8 MB QSPI NOR Flash for board information
NPU
NPU
2.3 TOP/s Neural Network performance
Graphics
LVDS/MIPI DSI
1 x 4 lane MIPI-DSI,1 x Single channel LVDS or 1x Dual channel LVDS
HDMI
1 x HDMI up to 3840 x 2160 at 30Hz
Parallel RGB
-
VGA
-
Graphics Engine
GC7000UL with 2D/3D Graphic Acceleration supporting 1G Pixel/s, OpenVG 1.1, Open GL ES3.1, Vulkan, and Open CL 1.2 FP.
H/W Video Codec
Decoder: H.265, H.264, VP8/9 1080p Encoder:H.264, VP8 1080p
Ethernet
Chipset
2 x NXP i.MX8M Plus integrated RGMII
Speed
2 x 10/100/1000 Mbps
RTC
RTC
Yes
WatchDog Timer
Yes (1~6553s, power on/off 4s)
Security
TPM 2.0
I/O
PCIe
1 x PCIe 3.0
SATA
-
USB
2 USB3.2 Gen1By1
4 USB 2.0
1 USB 2.0 OTG
Audio
2 x I2S
SPDIF
-
SDIO
1
Serial Port
2 x 4-wire UART and 2 x 2-wire UART
SPI
3
CAN
2 (CANbus for ROM-5722C*, CAN-FD for ROM-5722W*)
GPIO
14
I2C
5
Camera Input
1 x 4-lane MIPI CSI, 1 x 2-lane MIPI CSI
System Bus
-
Touch
-
Keypad
-
Power
Power Supply Voltage
Fixed 5V DC source and allow 3.3 V ~ 5.25 V operates directly from single level Lithium Ion cells
Power Consumption
4W
Environment
Operating Temperature
0 ~ 60 °C/ -40 ~ 85 °C
Operating Humidity
5 ~ 95% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
82 x 50 mm
Operation System
Linux & Android
Certifications
CE/FCC Class B
NEW
All product specifications are subject to change without notice.
Last updated: 16-Aug-2022


Similar Part No. - ROM-5722WD-RFA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720CD-PEA2E ADVANTECH-ROM-5720CD-PEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720CQ-PEA2E ADVANTECH-ROM-5720CQ-PEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720WD-OEA2E ADVANTECH-ROM-5720WD-OEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720WQ-OEA2E ADVANTECH-ROM-5720WQ-OEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
More results

Similar Description - ROM-5722WD-RFA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3720 ADVANTECH-EPC-R3720 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-5620 ADVANTECH-ROM-5620 Datasheet
3Mb / 4P
NXP i.MX8X Cortex®-A35 SMARC 2.0/2.1 Computer-on-Module
16-Jun-2022
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5721 ADVANTECH-ROM-5721 Datasheet
2Mb / 4P
NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5780 ADVANTECH-ROM-5780 Datasheet
3Mb / 5P
Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
7-Jul-2021
ROM-DK5720 ADVANTECH-ROM-DK5720 Datasheet
278Kb / 2P
Development Kit for SMARC 2.0/2.1 Computer-on-Module ROM-5720
17-Jul-2020
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
logo
AAEON Technology
SRT-IMX8P AAEON-SRT-IMX8P Datasheet
734Kb / 2P
Standard IoT Gateway with ARM i.MX8M Plus Quad-Core Cortex-A53 1.6GHz Processor
2023/01/05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com