Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-5780CO-RFA1E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # ROM-5780CO-RFA1E
Description  Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-5780CO-RFA1E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  ROM-5780CO-RFA1E Datasheet HTML 1Page - Advantech Co., Ltd. ROM-5780CO-RFA1E Datasheet HTML 2Page - Advantech Co., Ltd. ROM-5780CO-RFA1E Datasheet HTML 3Page - Advantech Co., Ltd. ROM-5780CO-RFA1E Datasheet HTML 4Page - Advantech Co., Ltd. ROM-5780CO-RFA1E Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RISC Computing Platforms
ROM-5780
Dimensions
Unit: mm
82.0
39.0
4.0
Ø2.7
Ø6.0
R2
74.0
Development Board
Part No.
Description
ROM-DB5901-SWA2
Development board for SMARC v2.0 RISC Module series
Optional Accessories
Part No.
Description
1701100300
Debug port cable for ROM-5780
1970004750T001
Heat spreader
1970004755T001
Semi Heat sink for 0 ~ 60°C
1970004690T001
Semi Heat sink for -20 ~ 85°C
1930004835
Screws for heat spreader and semi heat sink
96PSA-A36W12R1-3
ADAPTER 100-240V 36W 12V 3A
1700001524
Power cord 3P UL 10A 125V 180cm
170203183C
Power cord 3P Europe (WS-010+WS-083)183cm
1700008921
Power cord 3P PSE 183cm
170203180A
Power cord 3P UK 2.5A/3A 250V 1.83M
SQF-ISDM1-16G-21C
SQ Flash SD card UHS-I MLC 16GB (0 ~ 70 °C)
SQF-ISDM1-16G-21E
SQ Flash SD card UHS-I MLC 16GB (-40 ~ 85 °C)
EWM-W188M201E
WiFi 802.11ac/abgn 2T2R and BT4.2
1750008671-01
Dipole Ant.SMA/M-R 2.4/5G 2.5/4dBi BLK 109mm
1750007965-01
Antenna cable, SMA (M) to MHF4, 300mm
968AD00479*
4G module LTE Cat 4 for China
1750007990-01
Antenna 4G/LTE full band L=11 cm 50 Ohm
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
*Please contact us to get suitable cellular module for your region.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com