Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  NXP i.MX 8X Cortex®-A35 RTX v2.1 module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
ROM-3620
Ordering Information
Part No.
CPU
Memory
Flash
Memory
UART
LAN USB
Host
USB
OTG
Display
PCIe SD CANbus I2C
SPI
Size
Power
input
Operating
Temperature
ROM-3620CE-OEA2E
i.MX8X
DualXPlus
1.2GHz
2GB
16GB
4
2
2
1
2 x single channel
LVDS or 2 x 4-lane
MIPI DSI
1
1
2
5
2
68 x 68 x 7 mm
5V-24V
0 ~ 60 °C
ROM-3620WE-OEA2E
i.MX8X
DualXPlus
1.2GHz
2GB
16GB
4
2
2
1
2 x single channel
LVDS or 2 x 4-lane
MIPI DSI
1
1
2
5
2
68 x 68 x 7 mm
5V-24V
-40 ~ 85 °C
ROM-3620CU-OEA2E
i.MX8X
QuadXPlus
1.2GHz
2GB
16GB
1
1
3
1
2 x single channel
LVDS or 2 x 4-lane
MIPI DSI
1
1
2
5
2
68 x 68 x 7 mm
5V-24V
0 ~ 60 °C
ROM-3620WU-OEA2E
i.MX8X
QuadXPlus
1.2GHz
2GB
16GB
1
1
3
1
2 x single channel
LVDS or 2 x 4-lane
MIPI DSI
1
1
2
5
2
68 x 68 x 7 mm
5V-24V
-40 ~ 85 °C
Development Board
Part No.
Description
ROM-DB3900-SWA2E
Development board for RTX2.1module
ROM-DK3620-FOA1E
ROM-3620 EVK Kit (RTX v2.1)
Optional Accessories
Part No.
Description
96PSA-A36W12R1-3
ADAPTER 100-240V 36W 12V 3A
1700001524
Power cord 3P UL 10A 125V 180cm
170203183C
Power cord 3P Europe (WS-010+WS-083)183cm
1700008921
Power cord 3P PSE 183cm
170203180A
Power cord 3P UK 2.5A/3A 250V 1.83M
1700019146
Power Cord CCC 3P 10A 250V 183cm
SQF-ISDM1-16G-21C
SQ Flash SD card UHS-I MLC 16GB (0 ~ 70 °C)
SQF-ISDM1-16G-21E
SQ Flash SD card UHS-I MLC 16GB (-40 ~ 85 °C)
EWM-W188M201E
WiFi 802.11ac/abgn 2T2R and BT4.2
1750008671-01
Dipole Ant.SMA/M-R 2.4/5G 2.5/4dBi BLK 109mm
1750007965-01
Antenna cable, SMA (M) to MHF4, 300mm
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCI-L280H
1750008303-01
Antenna AN0727-64SP6BSM
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
Block Diagram
Dimensions
Unit: mm
RTC
RTL8211FS
RGMI
1 lanes
4 lanes
4-wires
2-wires
MDI
USB2.0 HUB
2GB
LPDDR4
8MB
QSPI Flash
16GB
eMMC
RTL8211FS
CONN A
I2C x 1
LVDS/MIPI DSI
WDT
Power/MISC
USB 2.0 HOST
GbE LAN
CONN B
Boot Select
I2C x 1
SPI x 2
GPIO x 10
4bit SDIO
CONN C
USB2.0 HOST
USB3.0
MIPI CSI
PCIE0
GbE LAN
USB2.0 OTG
CONN D
LVDS/MIPI DSI
CAN x 2
I2C x 3
UART x 3
UART x 1
I2S
RGMI
MDI
TPM
WDT
i.MX8X DXPlus/QXPlus
Cortex 2/4 A35
Cortex M4F
H<2.5mm
3
68
3
1.3
1.3
Ø2.7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com