Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.advantech.com/products
Online Download
ROM-5780
Block Diagram
Ordering Information
Part No.
CPU
Memory Flash
Memory UART LAN
USB3.0/2.0
Display
PCIe
2.0
SD SATA I2C SPI Size
Power
input
Operating
Temperature
ROM-5780CO-REA1E
RK3399
2 GB
16 GB
3
1
2 USB3.0,
3 USB2.0
1 USB2.0 OTG
1 x HDMI 2.0
1 x eDP
1 x LVDS
1
1
1
5
1
82 x 50 x 5 mm
5V
0 ~ 60 °C
ROM-5780WO-REA1E
RK3399K 2 GB
16 GB
3
1
2 USB3.0,
3 USB2.0
1 USB2.0 OTG
1 x HDMI 2.0
1 x eDP
1 x LVDS
1
1
1
5
1
82 x 50 x 5 mm
5V
-20 ~ 85 °C
ROM-5780CO-RFA1E
RK3399
4 GB
32 GB
3
1
2 USB3.0,
3 USB2.0
1 USB2.0 OTG
1 x HDMI 2.0
1 x eDP
1 x LVDS
1
1
1
5
1
82 x 50 x 5 mm
5V
0 ~ 60 °C
ROM-5780CO-RLA1E
RK3399
2 GB
16 GB
3
1
2 USB3.0,
3 USB2.0
1 USB2.0 OTG
1 x HDMI 2.0
1 x eDP
1
1
-
5
1
82 x 50 x 5 mm
5V
0 ~ 60 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com