Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFLW5N Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RFLW5N
Description  High Frequency Wire Bondable RF Spiral Inductor, 0.050" x 0.050"
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RFLW5N Datasheet(HTML) 4 Page - Vishay Siliconix

  RFLW5N Datasheet HTML 1Page - Vishay Siliconix RFLW5N Datasheet HTML 2Page - Vishay Siliconix RFLW5N Datasheet HTML 3Page - Vishay Siliconix RFLW5N Datasheet HTML 4Page - Vishay Siliconix RFLW5N Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RFLW 5N
www.vishay.com
Vishay Electro-Films
Revision: 29-Jan-2020
4
Document Number: 61087
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL COMPONENT PERFORMANCE
Inductance vs. Frequency
Quality Factor vs. Frequency
LAYOUT CONSIDERATIONS
The RF spiral inductor is electrically connected to the circuit by wire bonds. All wire bonds add parasitic inductance and
resistance, as shown in the schematic drawing above.
It is important to note that setup variations might affect the performance of the component. Special care must be given to
minimize these effects by careful design of the component host circuit board. The following aspects should be considered:
• Bond wire length should be minimized. The bond wire added inductance can be roughly estimated at 0.75 nH per mil of
1.25 mil diameter gold wire.
• Any ground plane directly under the component will increase the parasitic shunt capacitance. This will cause self resonance
at lower frequencies.
• The epoxy used to attach the component is the limiting factor in power handling. Applications that require high power handling
are recommended to use high temperature epoxy and to insure adequate heat sinking.
CUSTOM DESIGNED SPIRAL INDUCTORS
Vishay EFI will custom design and measure additional values and form factors upon request.
Typical inductance density is limited to:
 110 nH/mm2
It is important to note, that both series resistance and SRF characteristics will degrade as inductance values approach the
inductance density limit presented above.
10
100
1000
10000
0
50
100
150
200
250
300
350
10
100
1000
10 000
Axis Title
Frequency (MHz)
18 nH
52 nH
47 nH
80 nH
150 nH
120 nH
100 nH
10
100
1000
10000
-3
2
7
12
17
22
10
100
1000
10 000
Axis Title
Frequency (MHz)
18 nH
47 nH
52 nH
80 nH
100 nH
120 nH
150 nH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com