Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ5-HT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TJ5-HT
Description  Toroid, High Current, High Temperature, Radial Leaded
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ5-HT Datasheet(HTML) 4 Page - Vishay Siliconix

  TJ5-HT Datasheet HTML 1Page - Vishay Siliconix TJ5-HT Datasheet HTML 2Page - Vishay Siliconix TJ5-HT Datasheet HTML 3Page - Vishay Siliconix TJ5-HT Datasheet HTML 4Page - Vishay Siliconix TJ5-HT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TJ5-HT
www.vishay.com
Vishay Dale
Revision: 09-Mar-12
4
Document Number: 34232
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS: INDUCTANCE VS. DC CURRENT AND DC CURRENT VS. TEMPERATURE
HORIZONTAL MOUNTED
VERTICAL MOUNTED
TJ52UEB220MHT (TJ-5-HT 2U 22 µH ± 20 % EB e2)
0
5
10
15
20
25
12
0246
DC Current (A)
0
10
20
30
40
50
810
TJ51UEB220MHT (TJ-5-HT 1U 22 µH ± 20 % EB e2)
0
5
10
15
20
25
12
0246
DC Current (A)
0
10
20
30
40
50
810
TJ52UEB390MHT (TJ-5-HT 2U 39 µH ± 20 % EB e2)
0
10
20
30
40
50
10
0246
DC Current (A)
0
10
20
30
40
50
8
TJ51UEB390MHT (TJ-5-HT 1U 39 µH ± 20 % EB e2)
0
10
20
30
40
50
10
0246
DC Current (A)
0
10
20
30
40
50
8
TJ52UEB101MHT (TJ-5-HT 2U 100 µH ± 20 % EB e2)
0
20
40
60
80
100
6
0123
DC Current (A)
0
10
20
30
40
50
45
TJ51UEB101MHT (TJ-5-HT 1U 100 µH ± 20 % EB e2)
0
20
40
60
80
100
6
0123
DC Current (A)
0
10
20
30
40
50
45
TJ52UEB471MHT (TJ-5-HT 2U 470 µH ± 20 % EB e2)
0
100
200
300
400
500
3.0
0.0
0.5
1.0
1.5
DC Current (A)
0
10
20
30
40
50
2.0
2.5
TJ51UEB471MHT (TJ-5-HT 1U 470 µH ± 20 % EB e2)
0
100
200
300
400
500
3.0
0.0
0.5
1.0
1.5
DC Current (A)
0
10
20
30
40
50
2.0
2.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com