Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDSD-002-R Datasheet(PDF) 1 Page - C&K Components

Part # FDSD-002-R
Description  Micro Mini Side Actuated Detect Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

FDSD-002-R Datasheet(HTML) 1 Page - C&K Components

  FDSD-002-R Datasheet HTML 1Page - C&K Components FDSD-002-R Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
E–26
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
10 Sep 19
FDSD Series
Micro Mini Side Actuated Detect Switches
Features/Benefits
• Extremely small package size
• Vertical Side Actuation
• Flat or Bending Terminations
• Long Travel Type
• RoHS Compatible and Compliant
Typical Applications
• Consumer electronics
• Medical devices
• Safety control devices
Specifications
CONTACT RATING: 50 µA @ 3VDC, 10 mA @ 5 VDC
MECHANICAL & ELECTRICAL LIFE: 50,000 operations
CONTACT RESISTANCE: 1 Ω max
INSULATION RESISTANCE: 100M Ω min
DIELECTRIC STRENGTH: 100VAC @ 1 minute
OPERATING TEMPERATURE: –40ºC to +85ºC
OPERATING FORCE: 40gf max.
TRAVEL: 3.05 mm or 60°
SOLDERABILITY: According to lead free solder profiles
PACKAGING: 3,500 pieces per reel.
Materials
BASE: PA9T
COVER: C7701R
ACTUATOR: PA 46
MOVABLE CONTACT: Beryllium Copper
TERMINALS: Phosphor Bronze, Ag over Ni Plating
Build-A-Switch
Complete part numbers for FDSD Series are shown below.
Series
FDSD SPST Mom.
Actuator
001 Side Actuated Detect Switch Bended Terminal
002 Side Actuated Detect Switch Flat Terminal
Package
R Tape & Reel
F D S D
R
NEW


Similar Part No. - FDSD-002-R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FDSD002L9 BELDEN-FDSD002L9 Datasheet
127Kb / 2P
Indoor/Outdoor Riser OS2 Distribution 2 Fibers
2022 Belden, Inc
FDSD002P9 BELDEN-FDSD002P9 Datasheet
127Kb / 2P
Indoor/Outdoor Plenum OS2 Distribution 2 Fibers
2022 Belden, Inc
FDSD002R9 BELDEN-FDSD002R9 Datasheet
127Kb / 2P
Indoor/Outdoor Riser OS2 Distribution 2 Fibers
2022 Belden, Inc
FDSD004P9 BELDEN-FDSD004P9 Datasheet
128Kb / 2P
Indoor/Outdoor Plenum OS2 Distribution 4 Fibers
2022 Belden, Inc
FDSD004R9 BELDEN-FDSD004R9 Datasheet
128Kb / 2P
Indoor/Outdoor Riser OS2 Distribution 4 Fibers
2022 Belden, Inc
More results

Similar Description - FDSD-002-R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSM ITT-KSM Datasheet
151Kb / 2P
Side Actuated Detect Switches
logo
C&K Components
HDS CK-COMPONENTS-HDS Datasheet
192Kb / 2P
Micro Mini Side Actuated Surface Mount Detect Switches
KSM CK-COMPONENTS-KSM Datasheet
164Kb / 2P
Side Actuated Detect Switches
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
Side Actuated Detect Switches
HDP CK-COMPONENTS-HDP Datasheet
174Kb / 2P
Micro Mini Side Actuated Surface Mount Detect Switches
KSM1131DLFG CK-COMPONENTS-KSM1131DLFG Datasheet
243Kb / 2P
Side Actuated Detect Switches
FDSE CK-COMPONENTS-FDSE Datasheet
237Kb / 2P
Micro Mini Angled Actuated Detect Switches
10 Sep 19
HDP CK-COMPONENTS-HDP_V01 Datasheet
281Kb / 3P
Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
HDS CK-COMPONENTS-HDS_V01 Datasheet
261Kb / 3P
Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
SDS CK-COMPONENTS-SDS_V01 Datasheet
324Kb / 2P
Side Actuated Detect Switches
8 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com