Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP Datasheet(PDF) 3 Page - C&K Components

Part # FP
Description  Sealed Ultra Miniature Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

FP Datasheet(HTML) 3 Page - C&K Components

  FP Datasheet HTML 1Page - C&K Components FP Datasheet HTML 2Page - C&K Components FP Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2.4±0.3 1.9±0.3
4±0.3
0.8
1.95
0.4
.2x45°
CHAMFER
A-107
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
A
3.3
Third Angle
Projection
FP Series
Sealed Ultra Miniature Pushbutton Switches
C1 VERTICAL
FP11
FP12
FP21
FP22
A1 RIGHT ANGLE
MOUNTING HOLE
CAPS
OPTION
CODE
DESCRIPTION
00
NO CAP
01
WHITE CAP, BULK BAGGED
02
BLACK CAP, BULK BAGGED
03
RED CAP, BULK BAGGED
To purchase Caps separately without switch,
please use these part numbers
PART #
COLOR
798D01000
WHITE
798D02000
BLACK
798D03000
RED
ACTUATOR LENGTH
SP STANDARD PLUNGER 3.3MM
13 Mar 20
5.08
2.54
4X
0.6
5.08
5.08
0.6
2.54
2.54
2.54
5X
0.6
5.08
2.54
2.54
5X
0.6
5.08
2.54
4X
0.6
5.08
2.54
5.08
6X
0.6
2.54
2.54
2.54
5.08
2.54
8X
0.6
2.54
2.54



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com