Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDP-001-R Datasheet(PDF) 2 Page - C&K Components

Part # HDP-001-R
Description  Micro Mini Side Actuated Surface Mount Detect Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

HDP-001-R Datasheet(HTML) 2 Page - C&K Components

  HDP-001-R Datasheet HTML 1Page - C&K Components HDP-001-R Datasheet HTML 2Page - C&K Components HDP-001-R Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E
E
E–16
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
8 Mar 22
A
A
13
1.75+0.2
0
2±0.1
1.5+0.1
0
12±0.1
1.75±0.1
0.4
16
2.75+0.2
0
7.5
4±0.1
380
TAPE
FEED DIRECTION
REEL
A-A
SECTION
3.5
0.8
5.7
1.4
1.6
5°
1.3
2.96
0.26
3.2
FREE POS
0.55
R0.3
2X 1
0.5
0.05
1.05
1.35
2.9
1.9
2.5
7.46
1.55
1.1
0.5
0.6
3.85
1.2
0.6
2X 1.1
HOLE
1.2
2X 1.6
2X 1.7
7.3
2X 1.8
1.5
4.3
3.5
2.6
OR LESS
TOTAL
TRAVEL
POSITION
ON
STARTING
POSITION
A
B
C
D
SCALE 6:1
RECOMMENDED STROKE
Complete part numbers for HDP Series are shown below.
PART NUMBER
PACKAGING
SCHEMATIC
HDP001R
Black body/
actuator
TAPE & REEL
A
B
C
D
N.O.
HDP Series
Micro Mini Side Actuated Surface Mount Detect Switches



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com