Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDS-001-R Datasheet(PDF) 1 Page - C&K Components

Part # HDS-001-R
Description  Micro Mini Side Actuated Surface Mount Detect Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

HDS-001-R Datasheet(HTML) 1 Page - C&K Components

  HDS-001-R Datasheet HTML 1Page - C&K Components HDS-001-R Datasheet HTML 2Page - C&K Components HDS-001-R Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E–13
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
E
E–12
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
HDS Series
Micro Mini Side Actuated Surface Mount Detect Switches
Features/Benefits
• Low profile package sits just
1.4 mm off PCB
• Design allows top or side actuation
• Right and left options available
• Low actuation force, 30 grams max.
• Pick and place compatible, available in
tape & reel packaging
• RoHS compliant and compatible
Typical Applications
• Consumer electronics
• Computers
• Medical devices
• Mobile Communications
• ATCA and MicroTCA devices
Specifications
CONTACT RATING: 1 mA 5 VDC
MECHANICAL AND ELECTRICAL LIFE: 100,000 cycles min.
CONTACT RESISTANCE: 1 Ω max. initial.
INSULATION RESISTANCE: 100 M Ω min. between
adjacent contacts.
OPERATING TEMPERATURE: -40ºC to + 80ºC
STORAGE TEMPERATURE: -40ºC to + 80ºC
PACKAGING: tape & reel; 5,000 per reel.
TRAVEL:
Pre-travel
.17 mm min.
Overtravel:
.5 mm min.
Total:
1.07 mm
Materials
BASE: LCP
HDS001L: Gray
HDS001R: Black
COVER: PA 46 (UL94V-0)
ACTUATOR: PA 46 (UL94V-0)
HDS001L: Gray
HDS001R: Black
MOVABLE BLADE: Stainless Steel, Ag over Ni plating.
TERMINALS: Phosphor Bronze, Ag plating.
NOTE: Specifications and materials listed above are for switches with standard options. For
information on specific and custom switches, consult Customer Service Center.
8 Mar 22
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
H
D
S
0
R Right Actuation
L Left Actuation
1
0


Similar Part No. - HDS-001-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HDS-0820 AD-HDS-0820 Datasheet
817Kb / 6P
8-, 10-,12-Bit Video Speed Hybrid Current & Voltage Out D/A Converter
HDS-0820 AD-HDS-0820 Datasheet
808Kb / 6P
8-, 10-, 12-Bit Video Speed Hybrid Current & Voltage Out D/A Converter
More results

Similar Description - HDS-001-R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSM ITT-KSM Datasheet
151Kb / 2P
Side Actuated Detect Switches
logo
C&K Components
HDS CK-COMPONENTS-HDS Datasheet
192Kb / 2P
Micro Mini Side Actuated Surface Mount Detect Switches
KSM CK-COMPONENTS-KSM Datasheet
164Kb / 2P
Side Actuated Detect Switches
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
Side Actuated Detect Switches
HDP CK-COMPONENTS-HDP Datasheet
174Kb / 2P
Micro Mini Side Actuated Surface Mount Detect Switches
KSM1131DLFG CK-COMPONENTS-KSM1131DLFG Datasheet
243Kb / 2P
Side Actuated Detect Switches
FDSD CK-COMPONENTS-FDSD Datasheet
324Kb / 2P
Micro Mini Side Actuated Detect Switches
10 Sep 19
FDSE CK-COMPONENTS-FDSE Datasheet
237Kb / 2P
Micro Mini Angled Actuated Detect Switches
10 Sep 19
HDP CK-COMPONENTS-HDP_V01 Datasheet
281Kb / 3P
Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
SDS CK-COMPONENTS-SDS_V01 Datasheet
324Kb / 2P
Side Actuated Detect Switches
8 Mar 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com