Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF Datasheet(PDF) 2 Page - C&K Components

Part # LF
Description  Precision Snap-acting Reset Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LF Datasheet(HTML) 2 Page - C&K Components

  LF Datasheet HTML 1Page - C&K Components LF Datasheet HTML 2Page - C&K Components LF Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LF Series
Precision Snap-acting Reset Switches
Dimensions are shown: IN (mm)
Specifications and dimensions subject to change
www.ck-components.com
.020
(0,51)
.762
(19,35)
.276
(7,01)
.075
(1,91)
.265
(6,73)
.181
(4,60)
.050
(1,27)
.281
(7,14)
.240
(6,10)
.110
(2,79)
.255
(6,48)
.074
(1,88)
.098 DIA
TYP.
(2,49ø)
.108
(2,74)
1.078
(27,39)
.898
(22,8)
.284
(7,21)
.835
(21,21)
.370-.510
(9,4-12,95)
OPER. POS.
Electrical Rating
Option
Code
Moveable Contact
Stationary Contact
Electrical Rating
Fine Silver
05A
Fine Silver on
copper alloy
5 Amps @ 250VAC (UL/CSA)
2 Amps @ 480VAC (UL/CSA)
1/2 @ 480VAC (UL/CSA)
5 (1) @ 250VAC-10E3 T90 (VDE)
RoHS
Compliant *
RoHS
Compatible *
Yes
Yes
Silver / Nickel
05B
Fine Silver on
copper alloy
5 Amps @ 125/250 VAC (UL/CSA)
5 (1) @ 250VAC-10E3 T90 (VDE)
1/8 HP @ 125 VAC
1/4 HP @ 250 VAC
Yes
Yes
K-63
LF
PRECISION SNAP-ACTING RESET SWITCH
OPERATING FORCE & ACTUATOR
ELECTRICAL RATING
All models
with all options.
K
Switch Characteristic
Option Code
Maximum Operate Force
oz/grams
Operating Position
Differential Travel
0.53 / 15
L27
.398 ± .05
.130 ± .030
0.35 / 10
P27
.398 ± .05
.130 ± .030
0.35 / 10
P40
.500 ± .05
.140 ± .030



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com