Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDMDP Datasheet(PDF) 1 Page - C&K Components

Part # MDMDP
Description  TERMINALS: Through hole PCB terminations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDMDP Datasheet(HTML) 1 Page - C&K Components

  MDMDP Datasheet HTML 1Page - C&K Components MDMDP Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
D–28
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
Features
• Short travel
• Good tactile feedback
• Self cleaning
• 2 actuator materials
• RoHS
Typical Applications
• Aircraft
• Instrument
• Panels
• Radio equipment
Electrical
Silver
Gold
MAXIMUM POWER:
1.0 VA
0.2 VA
MAXIMUM VOLTAGE:
100 VDC
100 VDC
MINIMUM VOLTAGE:
20m VDC
20m VDC
MIN/MAX CURRENT:
1.0 mA - 100 mA
50µA - 50 mA
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE: Initial measurement: ≥ 1 GΩ
(between terminals)
After damp heat: ≥ 10 MΩ
BOUNCE TIME:
≤ 3 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-25˚C to 70˚C
-55˚C to 85˚C
Specification
FUNCTION: Momentary action
CONTACT TYPE: Normally open - SPST
TERMINALS: Through hole PCB terminations
Mechanical
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Contact Material
S Silver
G Gold
Lead Free Compatible
LFS RoHS, Silver tabs
Terminals
Nothing Not sealed
SG Sealed
M D
L
F
S
MDP Series
Only
Button
T
N
Color
00 White
10 Dark grey
20 Light grey
30 Yellow
40 Red
50 Green
60 Blue
80 Ivory
90 Black
B
D
P
M
MD & MDP Series
MD
(Soft Actuator)
MDP
(Hard Actuator)
Operating
force
(N)
Tactile
feeling
(∆%)
Operating
life
Travel (mm)
MD
2,4 N ± 25%
≥ 15%
1,000,000
0.95 mm ± 0.35
MDP 2,6 N ± 25% ≥ 25%
200,000
0.4 mm ± 0.25
Designation
MD Soft actuator
MDP Hard actuator


Similar Part No. - MDMDP

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM ITT-MDM Datasheet
321Kb / 8P
Micro-D Metal Shell - .050 Contact Spacing
logo
Vishay Siliconix
MDM VISHAY-MDM Datasheet
134Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
08-Jul-08
logo
C&K Components
MDM CK-COMPONENTS-MDM Datasheet
261Kb / 2P
3401-041 MDM Connector Savers
logo
ITT Industries
MDM-100PBS ITT-MDM-100PBS Datasheet
825Kb / 17P
The Micro Line - .050 Contact Spacing
MDM-100PCBR ITT-MDM-100PCBR Datasheet
825Kb / 17P
The Micro Line - .050 Contact Spacing
More results

Similar Description - MDMDP

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MR-201 HIROSE-MR-201 Datasheet
49Kb / 1P
Feed-through Non-reflecting Terminations
logo
MolexKits
76650-0234 MOLEXKITS-76650-0234 Datasheet
23Kb / 3P
PCB Through Hole
76650-0235 MOLEXKITS-76650-0235 Datasheet
22Kb / 3P
PCB Through Hole
logo
Tyco Electronics
60654-1 MACOM-60654-1 Datasheet
1Mb / 76P
Machine Applied Terminations, Open Barrel Terminals
61312-2 MACOM-61312-2 Datasheet
1Mb / 76P
Machine Applied Terminations, Open Barrel Terminals
logo
Ohmite Mfg. Co.
SINK-E OHMITE-SINK-E Datasheet
711Kb / 2P
Vertical through-hole PCB mounting
E-SERIES OHMITE-E-SERIES Datasheet
275Kb / 1P
Vertical through-hole PCB mounting
EX-SERIES OHMITE-EX-SERIES Datasheet
426Kb / 2P
Vertical through-hole PCB mounting
logo
Linx Technologies
CONSMB001-1-G LINX-CONSMB001-1-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMP001-G-T LINX-CONSMP001-G-T Datasheet
533Kb / 6P
SMP Plug PCB Through-Hole Connector
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com