Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM Datasheet(PDF) 1 Page - C&K Components

Part # SAM
Description  Multiway Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SAM Datasheet(HTML) 1 Page - C&K Components

  SAM Datasheet HTML 1Page - C&K Components SAM Datasheet HTML 2Page - C&K Components SAM Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
C–4
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
SAM Series
Multiway Switches
Specifications
FUNCTION: Momentary action.
CONTACT ARRANGEMENT: SPDT per switching circuit
SWITCHING MODE: Non-Shorting
TERMINALS: THT - Through Hole Terminals
Features/Benefits
• Multi-directional switches
2-way & 4-way
• Actuation force 5.3N or 6N
• Footprint 20.7x18.0 mm (2-way) &
26.2x26.2 mm (4-way)
• Momentary action - SPDT
Typical Applications
• Automotive
• Industrial
• Avionics
• Joystick switch
How To Order
The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate
box.
Current Ratings
H High Current
No. of Directions
2 2-Way
4 4-Way
Actuator Position
L Left
M Middle
Spring & Ejection Pin
SPA with Spring & Ejection Pin
SA M
Actuator Shape
R Round
S Square
Actuator Length
10 10.1 mm actuator (2-way)
14 14.1 mm actuator (2-way)
11 10.5 mm actuator (4-way)
NEW
Mechanical
P/N
Force (N)
Operating Life
(Cycles*)
Travel (mm)
SAM-H2-LR10SPA
6.0±2.0
30,000
1.00±0.4
SAM-H2-LR14SPA
5.3±2.0
30,000
1.25±0.4
SAM-H2-MR14SPA
5.3±2.0
30,000
1.25±0.4
SAM-H4-MR11SPA
6.0±2.0
30,000
1.00±0.4
Electrical
RATING: 15A @ 14V DC
INITIAL CONTACT RESISTANCE: <20mΩ per switching circuit
DIELECTRIC WITHSTANDING VOLTAGE: 500VAC
INSULATION RESISTANCE: >100MΩ
BOUNCE TIME: <10ms
Environmental
OPERATING TEMPERATURE: -40ºC to +85ºC
STORAGE TEMPERATURE: -40ºC to +85ºC
SEALING LEVEL: IP30
Process
SOLDERING: Wave compatible
TERMINALS: Silver plated
Materials
HOUSING: Polyamide UL94 HB
COVER: PBT+ASA UL94 HB
ACTUATOR: Polyamide UL94 HB
TERMINAL: Copper alloy, silver plated
CONTACT: Silver alloy
Packaging
720 pieces per box for SAM-H2-LR10SPA & SAM-H2-LR14SPA
540 pieces per box for SAM-H2-MR14SPA
264 pieces per box for SAM-H4-MR11SPA
Notes
: * per direction
26 jul 18


Similar Part No. - SAM

ManufacturerPart #DatasheetDescription
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
logo
GOOD SKY ELECTRIC CO., ...
SAM GOODSKY-SAM Datasheet
462Kb / 2P
Relay
logo
Mini-Circuits
SAM-1 MINI-SAM-1 Datasheet
141Kb / 2P
FREQUENCY MIXERS
SAM-1 MINI-SAM-1 Datasheet
237Kb / 2P
Frequency Mixer
SAM-1+ MINI-SAM-1+ Datasheet
237Kb / 2P
Frequency Mixer
More results

Similar Description - SAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM211 ETC-KM211 Datasheet
48Kb / 2P
Threshold switches
logo
Elektron Components Ltd...
MP0025 BULGIN-MP0025 Datasheet
1Mb / 24P
Switches
logo
Amphenol Corporation
RT360 AMPHENOL-RT360 Datasheet
4Mb / 18P
industrial circular connectors are multiway connector available in 6 shell sizes
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
logo
Amphenol Corporation
RT0610-2SNH AMPHENOL-RT0610-2SNH Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
logo
Honeywell Solid State E...
AML53-T20BB HONEYWELL-AML53-T20BB Datasheet
553Kb / 4P
Manual Switches Covers for Paddle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com