Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW Datasheet(PDF) 1 Page - C&K Components

Part # SW
Description  Rocker Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SW Datasheet(HTML) 1 Page - C&K Components

  SW Datasheet HTML 1Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G–82
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
G
US
C
SECTION A-A
Recommended hole size 0.8/1.0mm panel assembly.
ircuit
C
ON-OFF-ON
SPDT
PIERCING PLAN
14.4
A
A
28.3
14.7
27.9
26.9
14.1
0.6
1.2
8
R7.8
30.4
6.5A 125VAC
COMAX
9 Oct 2019
Specifications
CONTACT RATING: 6.5 Amps @ 125 VAC
ELECTRICAL LIFE: 6,000 cycles at full load.
INITIAL CONTACT RESISTANCE: 100m Ω min.
INSULATION RESISTANCE: 100M Ω min.
DIELECTRIC STRENGTH: 1,500 VAC (50-60 Hz)
OPERATING FORCE: ON_OFF: 250 ± 100 gf
OFF_ON: 700 ± 250 gf
PACKAGING:
300 pieces per bag (5 trays)
2,400 pieces per box
Environmental
OPERATING TEMPERATURE: 0ºC to 65ºC
SW Series
Rocker Switches
Features/Benefits
• Various designs up to 16 amps
• Heavy duty and extended life cycles
• SPST, SPDT and DPST options
• Different symbols available
Typical Applications
• Household appliances
• Industrial equipment
• Audio & visual equipment
• Telecommunication
• Office equipment
Materials
HOUSING: PA (UL 94V-2).
KNOB: PA (UL 94V-2).
CONTACTS: Silver plated.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
PART NUMBER
HOUSING COLOR
SW-13A65N-A01
White
SW-13A65N-A01 BK
Black
SW-11A06N-A02
Black
SW-11A06N-A03 AP
Black
SW-11A06N-B02
Black
SW-11A06N-B02 AP
Black
SW-11A06N-CR02
Black
SW-12A06N-B02
Black
SW-12A06N-F01
Black
SW-12B03N
Black
SW-13A65N-A01 AK
Almond
SW-13A65N-A01 BI
Biscuit


Similar Description - SW

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
ROCKER SWITCHES
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
Rocker Switches
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
Power Rocker Switches
logo
E-SWITCH
RA1066 E-SWITCH-RA1066 Datasheet
863Kb / 2P
ROCKER SWITCHES
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
Rocker Switches
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
Illuminated Rocker Switches
54-870 NTE-54-870 Datasheet
3Mb / 4P
Rocker Switches
logo
C&K Components
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
Power Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
ROCKER SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com