Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDS-00-5-R Datasheet(PDF) 1 Page - C&K Components

Part # SDS-00-5-R
Description  Side Actuated Detect Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDS-00-5-R Datasheet(HTML) 1 Page - C&K Components

  SDS-00-5-R Datasheet HTML 1Page - C&K Components SDS-00-5-R Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E–19
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
E
E–18
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
8 Mar 22
SDS Series
Side Actuated Detect Switches
Third Angle
Projection
Features/Benefits
• Low profile package sits just 2mm off PCB
• 2mm overtravel ideal for detector applications
• Low actuation force (75 grams max.)
• Pick & place compatible, available in
tape & reel packaging
• RoHS compliant and compatible
Typical Applications
• Medical devices
• Consumer electronics
• PCB lock cam detect
• IoT devices
• ATCA and MicroTCA
Specifications
CONTACT RATING: 100 mA @ 12 VDC.
MECHANICAL & ELECTRICAL LIFE: 50,000 cycles.
CONTACT RESISTANCE: 100 m Ω max. initial.
INSULATION RESISTANCE: 10 M Ω min. @ 100 VDC.
OPERATING TEMPERATURE: –40ºC to +85ºC.
SOLDERABILITY: IR compatible, no wash. 260ºC max.
PACKAGING: Bulk or tape & reel (3000 per reel).
Materials
BASE: Glass filled LCP (UL 94V-0).
ACTUATOR: Glass Filled LCP (UL94V-0).
COVER: Nickel silver w/silver plate.
MOVABLE CONTACT: Phosphor bronze, see table for plating.
TERMINALS: Phosphor bronze, see table for plating.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
S
D
S
0
Packaging
NONE Bulk
R Tape & Reel
1 Normally open silver plating
2 Normally close silver plating
4 Normally open gold plating
5 Normally close gold plating
0


Similar Part No. - SDS-00-5-R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SDS-0102-SPDT-SMA FAIRVIEW-SDS-0102-SPDT-SMA Datasheet
916Kb / 4P
SPDT High Isolation PIN Diode Switch 1 GHz to 2 GHz, 90 dB, 32 dBm, 1 dB Loss and SMA
REV 1.2
logo
List of Unclassifed Man...
SDS-030A24 ETC2-SDS-030A24 Datasheet
111Kb / 2P
Power ON with LED indicator
SDS-035A-05 ETC2-SDS-035A-05 Datasheet
111Kb / 2P
Power ON with LED indicator
SDS-035A-12 ETC2-SDS-035A-12 Datasheet
111Kb / 2P
Power ON with LED indicator
SDS-035A-18 ETC2-SDS-035A-18 Datasheet
111Kb / 2P
Power ON with LED indicator
More results

Similar Description - SDS-00-5-R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSM ITT-KSM Datasheet
151Kb / 2P
Side Actuated Detect Switches
SDS001 ITT-SDS001 Datasheet
170Kb / 1P
Side Actuated Detect Switches
logo
C&K Components
HDS CK-COMPONENTS-HDS Datasheet
192Kb / 2P
Micro Mini Side Actuated Surface Mount Detect Switches
KSM CK-COMPONENTS-KSM Datasheet
164Kb / 2P
Side Actuated Detect Switches
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
Side Actuated Detect Switches
logo
ITT Industries
KSM1131 ITT-KSM1131 Datasheet
496Kb / 2P
Side Actuated Detect Switches
logo
C&K Components
KSM1131DLFG CK-COMPONENTS-KSM1131DLFG Datasheet
243Kb / 2P
Side Actuated Detect Switches
FDSD CK-COMPONENTS-FDSD Datasheet
324Kb / 2P
Micro Mini Side Actuated Detect Switches
10 Sep 19
HDP CK-COMPONENTS-HDP_V01 Datasheet
281Kb / 3P
Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
SDS CK-COMPONENTS-SDS_V02 Datasheet
346Kb / 2P
Side Actuated Detect Switches
29 Jul 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com