Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL Datasheet(PDF) 3 Page - C&K Components

Part # TL
Description  Door Interlock Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TL Datasheet(HTML) 3 Page - C&K Components

  TL Datasheet HTML 1Page - C&K Components TL Datasheet HTML 2Page - C&K Components TL Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TL Series
Door Interlock Switches
MODEL
1.87
[47,4]
.203 MIN. OPER. POS.
[5,16]
.125MAX DEPRESSED POS.
[3,18]
.375 MAX. FREE POS.
[9,53]
.438
[11,13]
.21
[5,3]
.812
[20,62]
.179
[4,55]
.687
[17,45]
.219
[5,56]
.25
[6,4]
2.09
[53,1]
.906
[23,01]
1.81
[46]
.14
[3,5]
.265
[6,73]
.27
[6,9]
.51
[13]
1.59
[40,5]
FLEXIBLE
INSULATOR
STAINLESS
STEEL
PLUNGER
6-32 NC THD.
(4)
PLUNGERS
TERMINATIONS
4  STAINLESS STEEL, TAPPED 4-40 x .375 (9,52) min. depth
2  STAINLESS STEEL, NOT TAPPED
4A  .250” QUICK CONNECT
40  .187” QUICK CONNECT
23TL  WITH TWO SWITCHES
60  SCREW TERMINALS
23TL602
SPDT
Torque screws to
6in lbs max
J
J–84
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com