Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-GG-F5-W2-R Datasheet(PDF) 2 Page - C&K Components

Part # MM-GG-F5-W2-R
Description  Mini Size Precision Snap-acting Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MM-GG-F5-W2-R Datasheet(HTML) 2 Page - C&K Components

  MM-GG-F5-W2-R Datasheet HTML 1Page - C&K Components MM-GG-F5-W2-R Datasheet HTML 2Page - C&K Components MM-GG-F5-W2-R Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
J
J–7
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
All models
with all options.
Consult Customer Service Center for availability and delivery of nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching,
i.e., 0.4 VA max. @ 20 V AC or DC max.
CONTACT MATERIAL
OPTION
CODE
MOVABLE CONTACT
STATIONARY CONTACT
ELECTRICAL RATING
D1
7A 125, 250 V AC; 7A 28 VDC resistance
4A 28 VDC inductive; 2.5A 28 VDC (lamp)
Fine silver.
Fine silver inlay on copper alloy.
F5
24K Gold.
24K Gold on copper alloy.
From low level* to 1 AMP
@ 125 V AC, 30 V DC.
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
Yes
Yes
Yes
Yes
Note: See Technical Data section of this catalog for RoHS compliant and compatible denition and specications.
MM Series
Mini Size Precision Snap-acting Switches
SWITCH WITH STANDARD OPTIONS
MMGGD1P0C
PART NUMBER
BASIC
OPERATING
FORCE
(OZ./GRAMS)
ELECTRICAL
RATING
MMGGD1P0C
5
142
7 AMPS @ 250 V AC.
SERIES
OPERATING FORCE
MM  SPDT MOMENTARY
NOTE : Operating force varies with actuator option, see ACTUATOR option section.
OPTION
CODE
BASIC SWITCH
OPERATING FORCE
GG
5 oz. (142 grams) maximum for basic switch
with pin plunger actuator (‘P0’ actuator option).
ELECTRICAL RATING
ACTUATOR
OPTION CODE
FIG.
DIM. A
DIM. B
DIM. C
P0
D0
L0
L2
W0
W2
MMGGD1P0C
FIG. 1
Pin Plunger
FIG. 2
Leaf
FIG. 3
Plunger
FIG. 4
Leaf Roller
FIG. 5
Leaf
FIG. 6
Leaf Roller
24 Mar 21



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com