Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-DB7501 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-DB7501
Description  Development Board for Qseven v2.0 RISC Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-DB7501 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-DB7501 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-DB7501 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-DB7501
Ordering Information
Part No.
Description
ROM-DB7501-SCA1E
Development board for RISC Qseven Module series
Packing List
Part No.
Description
1700022373-01
Debug port cable for ROM-5420
9696ED2000E
Debug Port for ROM-7420
1654909900
DB9 Loopback
1700004711
SATA Cable
1700021941-01
SATA Power Cable
1700021861-01
USB Cable Type A
1700019076
USB OTG Host Cable
1700019077
USB OTG Client Cable
1700021882-01
LVDS Backlight Cable
1700021883-01
LVDS Cable
Optional Accessories
Part No.
Description
96PSA-A36W12R1
Adapter 100-240V 36W 12V 3A
1700001524
Power cord 3P UL 180cm
170203183C
Power cord 3P EU 183cm
170203180A
Power cord 3P UK 183cm
1700008921
Power Cord 3P PSE 183cm
EWM-W142F01E
802.11 b/g/n,AR9287,2T2R,Full size Mini PCIe
EWM-C106FT01E
Cellular, HSUPA/WCDMA/GPRS,Full Mini PCIe
1750007156-01
Cellular/GPS SMA Short JACK(9.5MM) L=100mm
(3G Cable)
1750007050-01
WiFi RP-SMA short SMA Jack(9.5mm) to U.FL_100mm
(WiFi Cable)
1750000318
EMI Antenna 2DBI 2.4GHz SMA (WiFi Antenna)
1750005865
Antenna L=10.9cm 500hm AN8921F-5701SM
(3G Antenna)
SQF-ISDS1-2G-86E
SQFlash SD card SLC 2G, 1 CH (-40 ~ 85°C)
1 I2C
VGA
HDMI
2 LVDS
4 USB Host
USB OTG
PCIe Slot
SIM Slot
GbE LAN
1 SATA
1 SPI
Line in/Audio
SD Card
2 RS-232
1 CAN
8GPIO



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com