Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-DB7502 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-DB7502
Description  Development Board for Qseven2.0/2.1 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-DB7502 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-DB7502 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-DB7502 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-DB7502
Ordering Information
Part No.
Description
ROM-DB7502-SCA1E
Development board for RISC Qseven2.0 Module
series
ROM-7510CD-PEA1E
ROM-7510 Q7 TI AM5728DC 1.5GHz 0 ~ 60 °C
ROM-7510WD-PEA1E
ROM-7510 Q7 TI AM5728 1.5GHz -40 ~ 85 °C
ROM-DK7510-F0A1E
ROM-7510 Qseven 2.0 Development Kit
Packing List
Part No.
Description
96967502001
Qseven 2.0 Carrier Board Assembly
9696ED2000E
Debug adapter board
1700022373-01
Debug port cable
1700002204
USB pin header to USB Type A
1700004711-11
SATA signal cable
1700018785
SATA Power cable
Optional Accessories
Part No.
Description
96PSA-A36W12R1
ADAPTER 100-240V 36W 12V 3A
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Code 3P Europe (WS-010+WS-083)183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700019146
Power Cord CCC 3P 10A 250V 183cm
SQF-ISDS1-4G-82C
SQF SDHC C10 SLC 4G, 1CH (0 ~ 70 °C)
SQF-ISDS1-8G-82C
SQF SDHC C10 SLC 8G, 1CH (0 ~ 70 °C)
SQF-ISDS1-8G-82E
SQF SDHC C10 SLC 8G, 1CH (-40 ~ 85 °C)
1700006911
USB OTG cable_typeA F to mini USB
1700019077-11
USB OTG cable_ USBA M to mini USB
USB3.0 typeA
USB2.0/3.0
Pin header
USB2.0x2
RS232DB9
UART1
Mini-PCIE
USB2.0
RJ45
GBE
EC
I2C
SATA
SATA
Pin header
SPI
Switch
Power/Sleep/Reset
FAN conn
PWM
USB2.0OTG
USB3.0 typeA
Switch
HDMI
HDMI
LVDS0
2x20p B2B
LVDS1
2x20p B2B
PCIex4
PCIe
CAN
DB9
GPIOx8
UART2
DB9
Audio jack
Codec
Pin header
Pin box
Switch
M.2 slot
SDIO
SD slot
QSeven Edge
Card Connector
230 pins
I2S
I2C
USB3.0 signal
USB2.0 OTG
signal



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com