Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM-DB7503 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-DB7503
Description  Development Board for Qseven V2.1 ROM Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-DB7503 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-DB7503 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-DB7503 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-DB7503
Ordering Information
Part No.
Description
ROM-DB7503-SCA1E
Development board for RISC Qseven Module series
Packing List
Part No.
Description
1700004711-11
SATA 7P/SATA 7P 8CM C=R 180/180
1700021941-01
SATA Power Cable 15P/1*4P-2.5 40cm
1700023619-01
A cable USB-A 4P(M)/micro USB 5P(M) 1m
1700029175-01
F cable FFC 10P-0.5/10P-0.5 15cm
9696ED21000
ASS'Y ROM-ED21 A101-1 USB to 4 Uarts co
Optional Accessories
Part No.
Description
96PSA-A60W12R1-1
Adapter 100-240V 60W 12V 5A PLUG 90°
1702002605
Power cord 3P EU 183cm
1702031801
Power cord 3P UK 183cm
1700000237
Power cord 3P PSE 183cm
EWM-W163M201E
AW-CB260NF, Wireless LAN and BT module
1750008717-01
WiFi/BT 2.4+5G, RSMA F (WiFi Antenna)
1750008653-01
RSMA F to MHF4 20cm (WiFi Cable)
EWM-C117FL06E
mini-PCIe LTE/HSPA+/GPRS module, w/ SIM Slot,
TOBY-L280H, for Taiwan
1750007990-01
LTE (700 ~ 960MHz, 1710 ~ 2700MHz),
SMA M (4G Antenna)
1750006009
SMA F to U.FL 25cm (4G Cable)
9680015491
PCIe to miniPCIe adapter card
IDK-1107WR-40WVA1E
7" Color TFT-LCD Panel, 800 x 480
1 I2C
VGA
HDMI
2 LVDS
4 USB Host
USB OTG
PCIe Slot
SIM Slot
GbE LAN
1 SATA
1 SPI
Line in/Audio
SD Card
2 RS-232
1 CAN
8GPIO



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com