Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC192 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC192
Description  Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC192 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC192 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC192 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC192 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC192 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC192 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC192 Datasheet HTML 6Page - National Semiconductor (TI) MM54HC192 Datasheet HTML 7Page - National Semiconductor (TI) MM54HC192 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AC Electrical Characteristics TAe25 C VCC e 50V tretfe6 ns CLe15 pF (unless otherwise specified)
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Clock Frequency
Count Up
27
20
MHz
Count Down
31
24
MHz
tPLH
Maximum Propagation Delay
17
26
ns
Low to High
Count Up to Carry
tPHL
Maximum Propagation Delay
18
24
ns
High to Low
tPLH
Maximum Propagation Delay
16
24
ns
Low to High
Count Down to
tPHL
Maximum Propagation Delay
Borrow
15
24
ns
High to Low
tPLH
Maximum Propagation Delay
28
40
ns
Low to High
Count Up Or
tPHL
Maximum Propagation Delay
Down to Q
36
52
ns
High to Low
tPLH
Maximum Propagation Delay
30
42
ns
Low to High
Data or
Load to Q
tPHL
Maximum Propagation Delay
40
55
ns
High to Low
tPHL
Maximum Propagation Delay
Clear to Q
35
47
ns
High to Low
Clear
’HC192
40
52
ns
’HC193
20
26
ns
tW
Minimum Pulse Width
Load
’HC192
40
52
ns
’HC193
10
20
ns
Count UpDown
15
22
ns
tSD
Minimum Setup time
Data to Load
10
20
ns
tHD
Minimum Hold Time
b
30
ns
tREM
Minimum Removal Time
Clear Inactive
10
ns
to Clock
AC Electrical Characteristics VCC e 20V to 60V CLe 50 pF tretfe6ns
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
20V
5
3
25
2
MHz
Count Up
45V
25
18
14
12
MHz
fMAX
Maximum Clock Frequency
60V
29
20
16
13
MHz
20V
5
4
3
2
MHz
Count Down
45V
27
20
16
11
MHz
60V
31
23
18
12
MHz
tPLH
Maximum Propagation Delay
20V
30
140
175
210
ns
Low to High
45V
13
28
35
42
ns
Count Up
60V
11
24
30
36
ns
tPHL
Maximum Propagation Delay to Carry
20V
39
130
163
195
ns
High to Low
45V
16
26
33
39
ns
60V
14
22
28
33
ns
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com