Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK7002F Datasheet(PDF) 2 Page - AUK corp

Part # STK7002F
Description  N-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK7002F Datasheet(HTML) 2 Page - AUK corp

  STK7002F Datasheet HTML 1Page - AUK corp STK7002F Datasheet HTML 2Page - AUK corp STK7002F Datasheet HTML 3Page - AUK corp STK7002F Datasheet HTML 4Page - AUK corp STK7002F Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KST-2138-001
2
STK7002F
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Drain-Source voltage
VDSS
60
V
Gate-Source voltage
VGS
±20
V
Maximum Drain current
ID
115
mA
Pulsed Drain Current
IDP *
800
mA
Power dissipation
PD
200
mW
Maximum Junction-to-Ambient
RthJA
625
°C/W
Operating Junction and
Storage temperature range
TJ , Tstg
-55~150
°C
* PW ≤ 10 ㎲, Duty cycle ≤ 1%
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Drain-Source breakdown voltage
BVDSS
ID=10 ㎲, VGS=0
60
-
-
V
Gate-Threshold voltage
VGS(th)
ID=0.25 ㎃, VDS=VGS
1
2.0
2.5
V
Zero Gate voltage drain current
IDSS
VDS=60V, VGS=0
-
-
1
µA
Gate-body leakage
IGSS
VDS=0V, VGS=±20V
-
-
±100
nA
VGS=5V, ID=50mA
-
3.2
7.5
Ω
Drain-Source on-resistance
RDS(ON) *
VGS=10V, ID=500mA
-
2.4
7.5
Ω
Forward trans-.conductance
gfs
VDS=10V, ID=0.2A
80
-
-
mS
Input capacitance
Ciss
-
22
50
Output capacitance
Coss
-
11
25
Reverse Transfer capacitance
Crss
VDS=25V, VGS=0, f=1MHz
-
2
5
pF
Turn-on time
tON
-
7
20
ns
Turn-off time
tOFF
VDD=30V, ID=0.2A
VGS=10V, RG=25Ω
-
11
20
ns
* PW ≤300 ㎲, Duty cycle ≤1%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com