Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSD-1260-004AX Datasheet(PDF) 1 Page - LEDTRONICS, INC

Part # BSD-1260-004AX
Description  0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

BSD-1260-004AX Datasheet(HTML) 1 Page - LEDTRONICS, INC

  BSD-1260-004AX Datasheet HTML 1Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Fixed or Adjustable Intensity
• Built-in Current Limiting Resistor
for Direct 120VAC Applications.
Other Voltages Optional
• Choice of Narrow (12˚),
Standard (30˚), Medium (50˚) or
Wide Angle (120˚) Illumination
• Stability of LED Wavelength
Eliminates Costly Filters
Applications
Features
• Long Life / 100,000+ Hours
• Monochromatic Narrow
Bandwidth Light Gives More
Open Time Before Fogging Film
• Very Low Power Consumption
• Solid-State, High Shock/Vibration
Resistant
• Direct Mount in Industry Standard
Sockets Without Modification
• Light-Sensitive Film or Paper
Manufacturing Plants
• Dark Room Illumination
• Control Panel Lighting in Darkrooms
• Photo Processing Labs
• Darkroom Safelight Spotlights &
Tasklights
• Safelight Hallway Pathlights
Vertical Task Light
Part Selection
Darkroom/Safelight LED Lamps
0% to 100% Intensity Adjustable, Edison Screw Base
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505 Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: http://www.ledtronics.com
Swivel Task Light
9 Position
Selector
Off - 20mA
Fine Tune
Trimmer
2.48
[62.9]
2.65
[67.31]
4.45
[113.0]
2.00
[50.8]
3.21
[81.5]
9 Position
Selector
Off - 20mA
Fine Tune
Trimmer
2.48
[62.9]
4.05
[102.9]
Part Selection
N - Narrow (12˚)
S - Standard (30˚)
M - Medium (50˚)
W - Extra Wide (120˚)
N - Narrow (12˚)
S - Standard (30˚)
M - Medium (50˚)
W - Extra Wide (120˚)
Replace x in Part Number with Required Viewing Angle Options
Replace x in Part Number with Required Viewing Angle Options
Part Number
LED Color
Input
Voltage
B. GREEN
YELLOW
AMBER
UL RED
120VAC
660
588
555
605
120VAC
120VAC
120VAC
λ
p
(nm)
BSD-1260-001Ax
BSD-1260-003Ax
BSD-1260-004Ax
BSD-1260-007Ax
B. GREEN
YELLOW
AMBER
UL RED
120VAC
660
588
558
605
120VAC
120VAC
120VAC
BSD-1260-001Bx
BSD-1260-003Bx
BSD-1260-004Bx
BSD-1260-007Bx
INFRARED
880
120VAC
BSD-1260-881Ax
940
120VAC
BSD-1260-941Ax
INFRARED
INFRARED
880
120VAC
BSD-1260-881Bx
940
120VAC
BSD-1260-941Bx
INFRARED
No. of
LEDs
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
Part Number
LED Color
Input
Voltage
B. GREEN
YELLOW
AMBER
UL RED
120VAC
660
588
555
605
120VAC
120VAC
120VAC
λ
p
(nm)
BSD-1293-001Ax
BSD-1293-003Ax
BSD-1293-004Ax
BSD-1293-007Ax
B. GREEN
YELLOW
AMBER
UL RED
120VAC
660
588
558
605
120VAC
120VAC
120VAC
BSD-1293-001Bx
BSD-1293-003Bx
BSD-1293-004Bx
BSD-1293-007Bx
INFRARED
880
120VAC
BSD-1293-881Ax
940
120VAC
BSD-1293-941Ax
INFRARED
INFRARED
880
120VAC
BSD-1293-881Bx
940
120VAC
BSD-1293-941Bx
INFRARED
No. of
LEDs
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
54 -67
12˚
12˚
12˚
12˚
12˚
12˚
12˚
12˚
12˚
12˚
12˚
12˚
View
Angle
2
θ1/2
12˚
12˚
12˚
12˚
12˚
12˚
12˚
12˚
12˚
12˚
12˚
View
Angle
2
θ1/2
Adjustable Intensity (Selector & Trimmer)
Fixed Safelight Intensity (No Selector & Trimmer)
Adjustable Intensity (Selector & Trimmer)
Fixed Safelight Intensity (No Selector & Trimmer)
Standard
Viewing Angle:
Narrow Angle (N)
12˚
Standard Angle (S)
30˚
Medium Angle (M)
50˚
Extra Wide Angle (W)
120˚
Optional
Viewing Angles:
Notes:
1. Not all possible combinations
of voltage, intensity and
angle are available
2. Intensity shown is for narrow
angle. Intensity is reduced
12 to 15 times when using
extra wide angles
Power
Watts
(typ)
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
Power
Watts
(typ)
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
1.70W
12˚


Similar Part No. - BSD-1260-004AX

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
BSD-HSP-12 FESTO-BSD-HSP-12 Datasheet
74Kb / 1P
Cover kit
BSD-HSP-16 FESTO-BSD-HSP-16 Datasheet
74Kb / 1P
Cover kit
BSD-HSP-25 FESTO-BSD-HSP-25 Datasheet
74Kb / 1P
Cover kit
BSD-HSW-10 FESTO-BSD-HSW-10 Datasheet
74Kb / 1P
Cover kit
BSD-HSW-12 FESTO-BSD-HSW-12 Datasheet
74Kb / 1P
Cover kit
More results

Similar Description - BSD-1260-004AX

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-WLXX HP-HLMP-WLXX Datasheet
162Kb / 7P
High Intensity AlInGaP LED Lamps
logo
List of Unclassifed Man...
LVX3333 ETC1-LVX3333 Datasheet
164Kb / 1P
5.0mm HIGH INTENSITY LED LAMPS
logo
LEDTRONICS, INC
DEC1-A19-0UR-014V LEDTRONICS-DEC1-A19-0UR-014V Datasheet
82Kb / 2P
Direct Incandescent Replacement -- Up to 90% Energy Savings A19 DecorLED??Edison Screw Based 30쨘 LED Lamps
logo
Cooper Bussmann, Inc.
TL-20 COOPER-TL-20 Datasheet
24Kb / 1P
Plug Fuses Time-Delay, Edison Base 125 Volts, 15??0 Amps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
T-1 (3 mm) High Intensity LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Cooper Bussmann, Inc.
T-2-1-4 COOPER-T-2-1-4 Datasheet
26Kb / 1P
Dual-Element, Time-Delay, Edison Base 125 Volts, 1??0 Amps
T-310 COOPER-T-310 Datasheet
129Kb / 2P
Edison base plug fuses ??dual-element
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
High Intensity, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com