Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP-8-S9-R2-W4QE Datasheet(PDF) 7 Page - C&K Components

Part # NP-8-S9-R2-W4QE
Description  Sealed Industrial Pushbutton Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NP-8-S9-R2-W4QE Datasheet(HTML) 7 Page - C&K Components

  NP-8-S9-R2-W4QE Datasheet HTML 1Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 2Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 3Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 4Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 5Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 6Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
12.00
[0.472]
14.00
[0.551]
0.56
[0.022]
CHAMFER
2 SIDES
20.0°
14.17
[0.558]
ACROSS FLATS
1.98
[0.078]
0.89
[0.035]
15.06
[0.593]
12.12
[0.477]
0.53
[0.021]
15/32-32 UNS-2B THD
4 May 20
A-124
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ckswitches.com
A
Third Angle
Projection
OPTION
CODE
CONTACT MATERIAL
Q
Silver (STD)
G
Gold over Silver
16.55
[0.652]
REF
302.80±12.70
[11.92±0.50]
14.70
[0.579]
REF
14.20
[0.559]
REF
9.65
[0.380]
REF
18.80
[0.740]
REF
14.70
[0.579]
REF
14.70
[0.579]
3 OR 4 WIRES
22 AWG UL1569
(SEE SCHEMATICS)
2
1
4
3
ELECTRICAL SCHEMATIC - 4 WIRES
RED
N.C.
WHITE
N.O.
RED
N.C.
WHITE
N.O.
2
1
4
3
ELECTRICAL SCHEMATIC - 3 WIRES
RED
N.C.
WHITE
N.O.
BLACK
COMMON
NP Series
Sealed Industrial Pushbutton Switch
TERMINATION
W4 4X 12” 22 AWG UL1569 WIRE (OVERMOLDED)
W3 3X 12” 22 AWG UL1569 WIRE (OVERMOLDED)
CONTACT MATERIAL
TERMINAL SEAL
E EPOXY
All models are epoxy sealed
HARDWARE
PANEL GASKET
851D02000
HEX NUT
707100201 Nickel-plated
LOCKWASHER
700302202



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com