Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MER2DAL Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MER2DAL
Description  Surface Mount Super Fast Recovery Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MER2DAL Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MER2DAL Datasheet HTML 1Page - Pan Jit International Inc. MER2DAL Datasheet HTML 2Page - Pan Jit International Inc. MER2DAL Datasheet HTML 3Page - Pan Jit International Inc. MER2DAL Datasheet HTML 4Page - Pan Jit International Inc. MER2DAL Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MER2DAL
April 21,2022
MER2DAL-REV.00
Page 2
Electrical Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Forward Voltage
VF
IF = 1 A, TJ = 25 oC
-
0.83
-
V
IF = 2 A, TJ = 25 oC
-
-
0.95
V
IF = 1 A, TJ = 125 oC
-
0.7
-
V
IF = 2 A, TJ = 125 oC
-
0.78
-
V
Reverse Current
IR
VR = 160 V, TJ = 25 oC
-
5
-
nA
VR = 200 V, TJ = 25 oC
-
-
1
uA
VR = 200 V, TJ = 125 oC
-
-
40
Reverse Recovery Time
TRR
IF = 0.5 A, IR = 1 A,
IRR = 0.25 A, TJ = 25 oC
-
-
35
ns
Reverse Recovery Time
TRR
IF = 2 A, VR = 200 V
di/dt = 300 A/uS
TJ = 25 oC
-
17
-
ns
Peak Recovery Current
IRRM
-
3.9
-
A
Reverse Recovery Charge
QRR
-
39
-
nC
Reverse Recovery Time
TRR
IF = 2 A, VR = 200 V
di/dt = 300A/uS
TJ = 125 oC
-
26
-
ns
Peak Recovery Current
IRRM
-
5.6
-
A
Reverse Recovery Charge
QRR
-
83
-
nC
NOTES :
1.
Mounted on a FR4 PCB, single-sided copper, standard footprint.
2.
Mounted on a FR4 PCB, single-sided copper, with 100 cm2 copper pad area.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com