Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTP4085S Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # VTP4085S
Description  VTP Process Photodiodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTP4085S Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  VTP4085S Datasheet HTML 1Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
55
VTP Process Photodiodes
VTP4085, 4085S
PRODUCT DESCRIPTION
Large area planar silicon mounted on a two lead
ceramic substrate and coated with a layer of
clear epoxy. Low junction capacitance permits
fast response time.
PACKAGE DIMENSIONS inch (mm)
CASE 13 CERAMIC
CHIP ACTIVE AREA: .032 in2 (21 mm2)
ABSOLUTE MAXIMUM RATINGS
Storage Temperature:
-20°C to 75°C
Operating Temperature:
-20°C to 75°C
ELECTRO-OPTICAL CHARACTERISTICS @ 25°C (See also VTP curves, page 46)
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
VTP4085
VTP4085S
UNITS
Min.
Typ.
Max.
Min.
Typ.
Max.
ISC
Short Circuit Current
H = 100 fc, 2850
200
200
µA
TC ISC
ISC Temperature Coefficient
2850 K
.20
.20
%/°C
ISC
Short Circuit Current
100 µW/cm2, 940 nm
11.4
15
11.4
15
µA
VOC
Open Circuit Voltage
H = 100 fc, 2850 K
.33
.33
mV
TC VOC
VOC Temperature Coefficient
2850 K
-2.0
-2.0
mV/°C
ID
Dark Current
H = 0, VR = 100 V
100
15
50
nA
RSH
Shunt Resistance
H = 0, V = 10 mV
2.0
4.0
M
Ω
TC RSH
RSH Temperature Coefficient
H = 0, V = 10 mV
-11
-11
%/°C
CJ
Junction Capacitance
H = 0, V = 0 V
.35
.35
nF
λ
range
Spectral Application Range
400
1100
400
1100
nm
λ
p
Spectral Response - Peak
925
925
nm
SR
Sensitivity
@ Peak
.55
.55
A/W
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto


Similar Part No. - VTP4085S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VTP413H ETC2-VTP413H Datasheet
653Kb / 5P
VTP Process Silicon Photodiode
More results

Similar Description - VTP4085S

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTP100 PERKINELMER-VTP100 Datasheet
25Kb / 1P
VTP Process Photodiodes
VTP100C PERKINELMER-VTP100C Datasheet
26Kb / 1P
VTP Process Photodiodes
VTP1012 PERKINELMER-VTP1012 Datasheet
26Kb / 1P
VTP Process Photodiodes
VTP1112 PERKINELMER-VTP1112 Datasheet
26Kb / 1P
VTP Process Photodiodes
VTP1232 PERKINELMER-VTP1232 Datasheet
24Kb / 1P
VTP Process Photodiodes
VTP3410LA PERKINELMER-VTP3410LA Datasheet
26Kb / 1P
VTP Process Photodiodes
VTP5050 PERKINELMER-VTP5050 Datasheet
27Kb / 1P
VTP Process Photodiodes
VTP6060 PERKINELMER-VTP6060 Datasheet
30Kb / 1P
VTP Process Photodiodes
VTP8350 PERKINELMER-VTP8350 Datasheet
26Kb / 1P
VTP Process Photodiodes
VTP8651 PERKINELMER-VTP8651 Datasheet
26Kb / 1P
VTP Process Photodiodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com