Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP-8-S9-R1W4G-E Datasheet(PDF) 2 Page - C&K Components

Part # NP-8-S9-R1W4G-E
Description  Sealed Industrial Pushbutton Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NP-8-S9-R1W4G-E Datasheet(HTML) 2 Page - C&K Components

  NP-8-S9-R1W4G-E Datasheet HTML 1Page - C&K Components NP-8-S9-R1W4G-E Datasheet HTML 2Page - C&K Components NP-8-S9-R1W4G-E Datasheet HTML 3Page - C&K Components NP-8-S9-R1W4G-E Datasheet HTML 4Page - C&K Components NP-8-S9-R1W4G-E Datasheet HTML 5Page - C&K Components NP-8-S9-R1W4G-E Datasheet HTML 6Page - C&K Components NP-8-S9-R1W4G-E Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A-119
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ckswitches.com
A
4 May 20
Terminal Seal
E
Epoxy
All models are epoxy sealed
ACTUATOR STYLE
NP Series
Sealed Industrial Pushbutton Switch
STANDARD VIEW
10.80
[0.425]
ACROSS FLATS
0.50
[0.020]
MAX
1.00
[0.039]
11.30 TYP
[0.445]
0.40TYP
[0.016]
20.10REF
[0.791]
9.00
[0.354]
11.90
[0.469]
6.60
[0.260]
0.40 TYP
[0.016]
2.60 TYP
[0.102]
5.39
[0.212]
15/32-32 UNS-2A
Third Angle
Projection
S STANDARD
E EXTENDED (D HOUSING STYLE ONLY)
OPERATING FORCE
ACTUATOR COLOR
OPTION
CODE
OPERATING FORCE
8
8 N
For additional colors please contact Customer Service.
7.20
[0.283]
2.60
[0.102]
4.55
[0.179]
9.15
[0.360]
2
1
4
3
ELECTRICAL SCHEMATIC
N.C.
N.O.
OPTION
CODE
ACTUATOR
COLOR
1
White
2
Black
3
Red
4
Orange
5
Yellow
6
Green
7
Blue
9
Gray



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com