Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL2575 Datasheet(PDF) 18 Page - Texas Instruments

Part # TL2575
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TL2575 Datasheet HTML 14Page - Texas Instruments TL2575 Datasheet HTML 15Page - Texas Instruments TL2575 Datasheet HTML 16Page - Texas Instruments TL2575 Datasheet HTML 17Page - Texas Instruments TL2575 Datasheet HTML 18Page - Texas Instruments TL2575 Datasheet HTML 19Page - Texas Instruments TL2575 Datasheet HTML 20Page - Texas Instruments TL2575 Datasheet HTML 21Page - Texas Instruments TL2575 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
www.ti.com
V
= V
OUT
REF
1 +
where V
= 1.23 V
REF
(
(
R2
R1
(
(
R2 = R1
– 1
V
OUT
V
REF
C
7758
OUT
³
(µF)
V
IN(Max)
V
L1(µH)
OUT
·
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638 – MAY 2006
PROCEDURE (Adjustable Output)
EXAMPLE (Adjustable Output)
Known:
Known:
VOUT(Nom)
VOUT = 10 V
VIN(Max) = Maximum input voltage
VIN(Max) = 25 V
ILOAD(Max) = Maximum load current
ILOAD(Max) = 1 A
1. Programming Output Voltage (Selecting R1 and R2)
1. Programming Output Voltage (Selecting R1 and R2)
Referring to Fig. 2, VOUT is defined by:
Select R1 = 1 k
Ω
R2 = 1 (10/1.23 – 1) = 7.13 k
Ω
Select R2 = 7.15 k
Ω (closest 1% value)
Choose a value for R1 between 1 k
Ω and 5 kΩ (use 1% metal-film
resistors for best temperature coefficient and stability over time).
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the "set" volts-second (E
•T) across L1:
A. Calculate the "set" volts-second (E
•T) across L1:
E
•T = (V
IN – VOUT) × ton
E
•T = (25 – 10) × (10/25) × (1000/52) [V•µs]
E
•T = (V
IN – VOUT) × (VOUT/VIN) × {1000/fosc(in kHz)} [V•µs]
E
•T = 115 V•µs
NOTE: Along with ILOAD, the "set" volts-second (E•T) constant
establishes the minimum energy storage requirement for the
inductor.
B. Using Figure 19, select the appropriate inductor code based on
B. Using Figure 19, the intersection of 115 V
•µs and 1 A
the intersection of E
•T value and I
LOAD(Max).
corresponds to an inductor code of H470.
C. From Table 2, choose the appropriate inductor based on the
C. H470
→ L1 = 470 µF
inductor code. Parts from three well-known inductor manufacturers
Choose from:
are given. The inductor chosen should be rated for operation at
34048 (Schott)
52-kHz and have a current rating of at least 1.15 x ILOAD(Max) to
PE-53118 (Pulse Engineering)
allow for the ripple current. The actual peak current in L1 (in normal
operation) can be calculated as follows:
RL1961 (Renco)
IL1(pk) = ILOAD(Max) + (VIN – VOUT) × ton/2L1
Where ton = VOUT/VIN × (1/fosc)
3. Output Capacitor Selection (COUT)
3. Output Capacitor Selection (COUT)
A. The TL2575 control loop has a two-pole two-zero frequency
A.COUT ≥ 7785 × 25/(10 × 470) [µF]
response. The dominant pole-zero pair is established by COUT and
COUT ≥ 41.4 µF
L1. To meet stability requirements, COUT must meet the following
To obtain an acceptable output voltage ripple
→
requirement:
COUT = 220 µF electrolytic
However, COUT may need to be several times larger than the
calculated value above in order to achieve an acceptable output
ripple voltage of ~0.01
× V
OUT.
B. COUT should have a voltage rating of at least 1.5 × VOUT. But if a
low output ripple voltage is desired, choose capacitors with a higher
voltage ratings than the minimum required due to their typically
lower ESRs.
4. Catch Diode Selection (D1) (see Table 1)
4. Catch Diode Selection (D1) (see Table 1)
A. In normal operation, the catch diode requires a current rating of
A. Pick a diode with a 3-A rating.
at least 1.2
× I
LOAD(Max). For the most robust design, D1 should be
rated for a current equal to the TL2575 maximum switch peak
current; this represents the worst-case scenario of a continuous
short at VOUT.
B. The diode requires a reverse voltage rating of at least
B. Pick a 40-V rated Schottky diode (1N5822, MBR340, 31QD04, or
1.25
× V
IN(Max).
SR304) or 100-V rated Fast Recovery diode (31DF1, MURD310, or
HER302)
5. Input Capacitor (CIN)
5. Input Capacitor (CIN)
An aluminum electrolytic or tantalum capacitor is needed for input
CIN = 100 µF, 35 V, aluminum electrolytic
bypassing. Locate CIN as close to VIN and GND pins as possible.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com