Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1102 Datasheet(PDF) 7 Page - ams AG

Part # AS1102
Description  Low-Dropout LED Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1102 Datasheet(HTML) 7 Page - ams AG

Back Button AS1102 Datasheet HTML 3Page - ams AG AS1102 Datasheet HTML 4Page - ams AG AS1102 Datasheet HTML 5Page - ams AG AS1102 Datasheet HTML 6Page - ams AG AS1102 Datasheet HTML 7Page - ams AG AS1102 Datasheet HTML 8Page - ams AG AS1102 Datasheet HTML 9Page - ams AG AS1102 Datasheet HTML 10Page - ams AG AS1102 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.austriamicrosystems.com
Revision 1.3
7 - 13
AS1101, AS1102, AS1103, AS1104
austriamicrosystems
Data Sheet
7 Application Information
Figure 4. Typical Application Diagrams
Figure 5. Performance Characteristics
CTRL
GND
AS1104
ISET
4 Diode Control with On/Off
I2
I1
I3
I4
VIN
VSET(3V)
RSET
CTRL
GND
AS1102
ISET
3 Diode Control with On/Off
I2
I1
I3
VIN
RSET
ON
ENABLE
CTRL
GND
AS1103
ISET
4 Diode Control
I2
I1
I3
I4
VIN
RSET
ON
ENABLE
CTRL
GND
AS1101
ISET
2 Diode Control with On/Off
I1/I2
I3/I4
VIN
RSET
ON
ENABLE
VSET(3V)
VSET(3V)
VSET(3V)
AS1101
I
LED vs ISET
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100
120
140
160
I
SET (µA)
AS1102 - AS1104
I
LED vs ISET
0
5
10
15
20
25
30
35
40
45
0
20
40
60
80
100
120
140
160
I
SET (µA)
AS1101 vs Re s is tor
0
10
20
30
40
50
60
3.0
3.5
4.0
4.5
5.0
V
IN (V )
AS1101
Resistor
AS1102 - AS1104
I
LED vs V IN
0
10
20
30
40
50
60
3.0
3.5
4.0
4.5
5.0
V
IN (V )
LED Type 1
LED Type 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com