Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1902C23 Datasheet(PDF) 3 Page - ams AG

Part # AS1902C23
Description  Ultra Low-Power uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1902C23 Datasheet(HTML) 3 Page - ams AG

  AS1902C23 Datasheet HTML 1Page - ams AG AS1902C23 Datasheet HTML 2Page - ams AG AS1902C23 Datasheet HTML 3Page - ams AG AS1902C23 Datasheet HTML 4Page - ams AG AS1902C23 Datasheet HTML 5Page - ams AG AS1902C23 Datasheet HTML 6Page - ams AG AS1902C23 Datasheet HTML 7Page - ams AG AS1902C23 Datasheet HTML 8Page - ams AG AS1902C23 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.austriamicrosystems.com
Revision 1.5
3 - 9
AS1901, AS1902, AS1903
austriamicrosystems
Data Sheet
5 Electrical Characteristics
VDD = Full Range; TA = -40 to +85ºC; Unless Otherwise Specified
Notes:
1 See Table 5, “Coding of Factory-Trimmed Reset Threshold Voltages,” on page 5.
2 Guaranteed by design.
3 See Table 3, “Coding of Factory-trimmed Reset Active Time-Out Period,” on page 5.
Table 2. Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VDD Range
VDD
TA = 0 to +70°C
1.0
3.6
V
TA = -40 to +85°C
1.2
3.6
Supply Current (AS1901/2/3)
IDD
VDD = 3.3V, No Load
230
430
nA
Reset Threshold Voltage1
VTH
TA = +25°C
VTH -
1.5%
VTH
VTH +
1.5%
V
TA = -40 to +85°C
VTH -
2.5%
VTH
VTH +
2.5%
VDD to Reset Delay2
tRD
VDD = VTH to (VTH - 100mV)
20
50
µs
Reset Active Time-Out Period3
tTP
tTP -
40%
tTP
tTP +
60%
ms
RESETN Output Voltage (AS1901/3)
VOL
ISINK = 1.2mA, VDD = 2.1V, Reset
Asserted
0.4
V
ISINK = 400µA, VDD = 1.2V, Reset
Asserted
0.4
V
RESETN Output Voltage (AS1901)
VOH
ISOURCE = 1.2mA, VDD = 3.2V
0.8 x
VDD
V
RESET Output Voltage (AS1902)
VOH
ISOURCE = 500µA, VDD = 2.1V,
Reset Asserted
0.8 x
VDD
V
ISOURCE = 100µA, VDD = 1.2V,
Reset Asserted
0.8 x
VDD
V
VOL
ISINK = 1.2mA, VDD = 3.2V,
Reset Not Asserted
0.4
V
RESET Threshold Hysteresis
VHYST
10
mV
Open-Drain RESETN Output
Leakage Current (AS1903)
ILEAK
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com