Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8168 Datasheet(PDF) 13 Page - ams AG

Part # AS8168
Description  Single Phase Average Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8168 Datasheet(HTML) 13 Page - ams AG

Back Button AS8168 Datasheet HTML 9Page - ams AG AS8168 Datasheet HTML 10Page - ams AG AS8168 Datasheet HTML 11Page - ams AG AS8168 Datasheet HTML 12Page - ams AG AS8168 Datasheet HTML 13Page - ams AG AS8168 Datasheet HTML 14Page - ams AG AS8168 Datasheet HTML 15Page - ams AG AS8168 Datasheet HTML 16Page - ams AG AS8168 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet AS8168
Revision 1.2, 11-Feb-05
Page 13 of 30
-
Normal Operation Mode: Normal operation is the mode in which the device operates to perform the kWh metering
function, for which the device is designed.
-
Programming Mode: Programming is the mode in which the AS8168 is set to perform the programming operations. When
in Programming mode, two different operations may be carried out:
-
Test Write: Test Write enables the writing of data to a register in the device and for the resultant chip behaviour to be
investigated, before the data is written permanently to the non-volatile PROM (programmable read only memory)
memory.
-
Burn: Burn is the programming cycle that ensures that the required data is permanently written to the non-volatile
PROM (programmable read only memory).
During Programming mode all pulse outputs (MOP/MON, CAL and LED) can be accessed.
The AS8168 may only be set up in one of these two modes during the ‘power up’ cycle of the device. The mode is selected
by programming the TM and DIRO at ‘power up’ as shown in the table below:
Mode of Operation
TM
DIRO
Normal Operation
0
X
Programming
1
0
Note: Pin DIRO has an on-chip internal pull-down resistor, thus the pin may be left open or tied ‘low’ for both Normal
Operation and Programming modes. The default mode is thus Normal Operation mode, with the AS8168 only being set to
Programming mode when TM is pulled high during power up.
The analog input pin PROG is also required for the programming of the AS8168. During Test-Write PROG is used to transfer
digital data to the internal register. During Burn it is used to change the states of the internal PROM cells.
When in Programming mode, the AS8168 must be powered down before the device can enter Normal Operation mode.
PROM Definition and Contents
The table below provides a definition of the internal PROM cells. As shown, sets of PROM cells form binary words, which
represent, for example, a defined pulse rate.
Parameter
Description
Number
of bits
Register bits
Settings
Default
Bank 0
Bank 1
Gain
Select current
channel gain
2
[34:33]
[67:66]
00 : 4
01 : 16
10 : 16
11 : 20
11
Acreep_sel
Select anti creep
threshold
2
[32:31]
[65:64]
00 : 2.32mA
01 : 7.43mA
10 : 14.9mA
11 : 29.7mA
01
F_mon_sel
Select MOP/MON
pulse rate
[imp/kWh]
2
[30:29]
[63:62]
00 : 100
01 : 200
10 : 400
11 : 800
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com