Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501TR Datasheet(PDF) 1 Page - ams AG

Part # AS8501TR
Description  High precision voltage and current measurement sensor interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501TR Datasheet(HTML) 1 Page - ams AG

  AS8501TR Datasheet HTML 1Page - ams AG AS8501TR Datasheet HTML 2Page - ams AG AS8501TR Datasheet HTML 3Page - ams AG AS8501TR Datasheet HTML 4Page - ams AG AS8501TR Datasheet HTML 5Page - ams AG AS8501TR Datasheet HTML 6Page - ams AG AS8501TR Datasheet HTML 7Page - ams AG AS8501TR Datasheet HTML 8Page - ams AG AS8501TR Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1.1
2
3
DATA SHEET
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 1 of 40
1
Features
16 bits resolution
Differential inputs
Single + 5V supply
Low power 15 mW
SOIC16 package
Self- and system-calibration
with auto-calibration on power up
16 kHz maximum sampling frequency
Internal temperature measurement
Internal factory trimmed precision reference
Programmable current sources
Digital comparator
Active wake-up
PGA gains 1, 6, 24, 50, 100
Zero offset
Zero offset TC
Extremely low noise
Internal oscillator with comparator for active wake up
3-wire serial interface,
μP compatible
Temperature range – 40 to + 125 °C
Individual 24-bit serial number
2
Applications
Battery management for automotive systems
Power management
mV/µV-meter
High-precision voltage and current measurement
3
General description
The AS8501 is a complete, low power data acquisition system
for very small signals (i.e. voltages from shunt resistors,
thermocouples) that operates on a single 5 V power supply. The
chip powers up with a set of default conditions at which time it
can be operated as a read-only-converter. Reprogramming is at
any time possible by just writing into two internal registers via
the serial interface.
The AS8501 has four ground refering inputs which can be
switched separately to the internal PGA. Two input channels can
also be operated as a fully differential ground free input. The
system can measure both positive and negative input signals.
The PGA amplification ranges from 6 to 100 which enables the
system to measure signals from 7mV to 120 mV full scale range
with high accuracy, linearity and speed.
The chip contains a high precision bandgap reference and an
active offset compensation that makes the system offset free
(better than 0,5
μV) and the offset-TC value negligible. The built-
in programmable digital filter allows an effective noise
suppression if the high speed is not necessary in the application.
The input noise density is only 35 nV / Hz and due to
the high internal chopping frequency the system is free of 1/f-noise down
to DC.The 0-10 Hz noise is typical below 1 µV i.e. as good or better than
any other available chopper amplifier.
For high speed synchronous measurements the chip can run in an
automatic switching mode between two input channels with pre-
programmed parameter sets.
The circuit has been optimised for the application in battery management
systems in automotive systems. As a front end data acquisition system it
allows an high quality measurement of current, voltage and temperature
of the battery.
With a high quality 100
μΩ resistor the system can handle the starter
current of up to 1500 A, a continuous current of
± 300 A as well as the
very low idle current of a few mA in the standby mode.
For external temperature measurement the chip can use a wide variety of
different temperature sensors such as RTD, PTC, NTC, thermocouples or
even diodes or transistors. A built-in programmable current source can be
switched to any input and activate these sensors without the need of
other external components.
The measurement of the chip temperature with the integrated internal
temperature sensor allows in addition the temperature compensation of
sensitive parameters which increases the total accuracy considerably.
Sensor specific data can be stored in the internal Zener-Zap memory and
are used to calibrate each measurement in the internal data processing
unit before transmission to the external µC via the serial SDI interface.
The flexibility of the system is further increased by a digital comparator
that can be assigned to any measured property
(current, voltage, temperature) and an active wake-up in the sleep-mode.
All analog input-terminals can be checked for wire break via the SDI-
interface.
INTERNAL TEMPERATURE
INPUT MUX
CHOPPER
PROTECTION
CURRENT
SOURCES
ETR
ETS
RSHH
RSHL
VBAT
16 BIT - CONVERTER
BUF
SERIAL INTERFACE / CONTROL REGISTERS
DSP
CONTROLLER
FILTER
INT. CLOCK
TIMER
CALIBRATION
DATA
COMPARATOR
1.26 V
REFERENCE
SCLK
SDAT
INTN
REF
AGND
VDDA
VSSA
VDDD
VSSD
CLK
EZPRG
PGA
and
LEVEL SHIFT
AS8501
Preliminary Data Sheet
High precision voltage and current measurement sensor interface
Figure 1: Functional Block Diagram


Similar Part No. - AS8501TR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8501 AMSCO-AS8501 Datasheet
1Mb / 41P
High precision voltage and current measurement sensor interface
AS8501 AMSCO-AS8501_06 Datasheet
1Mb / 41P
High precision voltage and current measurement sensor interface
More results

Similar Description - AS8501TR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8501 AMSCO-AS8501_06 Datasheet
1Mb / 41P
High precision voltage and current measurement sensor interface
logo
Silicon Laboratories
TS4100 SILABS-TS4100 Datasheet
1Mb / 24P
Precision Measurement
logo
Cirrus Logic
CDB5460AU CIRRUS-CDB5460AU Datasheet
1Mb / 38P
Voltage and Current Interface
CDB5461AU CIRRUS-CDB5461AU Datasheet
1Mb / 36P
Voltage and Current Interface
logo
SOURIAU-SUNBANK Connect...
ARINC600 SOURIAU-ARINC600 Datasheet
238Kb / 2P
High Precision and User Friendly ELIO짰 Measurement Tool
logo
Maxim Integrated Produc...
MAX44298 MAXIM-MAX44298 Datasheet
552Kb / 16P
Current and Voltage Sense with Power Measurement
2018
logo
Diodes Incorporated
ZXCT199 DIODES-ZXCT199 Datasheet
354Kb / 2P
High-Precision and Bidirectional Current Monitor for Accurate High-/Low-Side Current Measurement
logo
Isabellenhütte Heu...
IVT-S ISABELLENHUETTE-IVT-S Datasheet
1Mb / 45P
HIGH PRECISION CURRENT MEASUREMENT
Version 1.03
logo
MultiDimension Technolo...
TMR7552-E MULTIDIMENSION-TMR7552-E Datasheet
627Kb / 8P
Unibody Precision Current Sensor
Version 1.0.1
TMR7553-D MULTIDIMENSION-TMR7553-D Datasheet
771Kb / 9P
Unibody Precision Current Sensor
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com