Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1P3L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS1P3L
Description  Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1P3L Datasheet(HTML) 2 Page - Vishay Siliconix

  SS1P3L Datasheet HTML 1Page - Vishay Siliconix SS1P3L Datasheet HTML 2Page - Vishay Siliconix SS1P3L Datasheet HTML 3Page - Vishay Siliconix SS1P3L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 88915
07-Feb-06
Vishay General Semiconductor
SS1P3L & SS1P4L
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 5.0 x 5.0 mm copper pad areas. RθJL is measured
at the terminal of cathode band. RθJC is measured at the top centre of the body
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise specified)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
SS1P3L
SS1P4L
UNIT
Typical thermal resistance (2)
RθJA
RθJL
RθJC
105
15
20
°C/W
ORDERING INFORMATION
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS1P3L-E3/84A
0.024
84A
3000
7" Diameter Plastic Tape & Reel
SS1P3L-E3/85A
0.024
85A
10000
13" Diameter Plastic Tape & Reel
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
Lead Temperature (°C)
1.5
2.0
0.5
1.0
0
25
50
75
100
125
150
175
TL measured
at the cathode band terminal
Number of Cycles at 50 Hz
1
10
100
10
20
30
0
40
50
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Leakage Characteristics
0.1
0.3
0.5
0.7
0.9
1.1 1.2
Instantaneous Forward Voltage (V)
0.1
10
1
100
0.2
0.4
0.6
0.8
1.0
SS1P3L
SS1P4L
TJ = 150 °C
TJ = 25 °C
Percent of Rated Peak Reverse Voltage (%)
20
40
60
80
100
1
10
100
1000
10
30
50
70
90
10000
SS1P3L
SS1P4L
TJ = 150 °C
TJ = 25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com