Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCCP27ATBR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCCP27ATBR
Description  1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCCP27ATBR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCCP27ATBR Datasheet HTML 4Page - STMicroelectronics STCCP27ATBR Datasheet HTML 5Page - STMicroelectronics STCCP27ATBR Datasheet HTML 6Page - STMicroelectronics STCCP27ATBR Datasheet HTML 7Page - STMicroelectronics STCCP27ATBR Datasheet HTML 8Page - STMicroelectronics STCCP27ATBR Datasheet HTML 9Page - STMicroelectronics STCCP27ATBR Datasheet HTML 10Page - STMicroelectronics STCCP27ATBR Datasheet HTML 11Page - STMicroelectronics STCCP27ATBR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STCCP27A
8/19
4
Electrical characteristics
Table 6.
Electrical characteristics (Over recommended operating conditions unless
otherwise noted. All typical values are at TA = 25°C, and VDD = 2.8V, VL = 1.8V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCM
Common mode input
voltage (see fig.1)
RT = 100Ω ± 1%
0.5
0.9
1.3
V
II
Input leakage current
(D+, D-, CLK1+, CLK1-)
VI = 0.4V
±10
µA
VI = 1.4V
±10
µA
IS
Supply current (IL + IDD)
EN=VDD,
I/OVL = VL, I/OVDD = VDD,
D+, CLK+ = Gnd or VDD,
D+, CLK+ = VDD or Gnd
3.6
7.0
mA
ISOFF
Shutdown supply current
(IL+ IDD)
EN=Gnd, VDD=2.65V to 3.6V
VL=1.65V to 1.95V
10
µA
VIH
HIGH Level input voltage
(SYNC_SEL, EN)
VDD = 2.65V to 3.6V
VL = 1.65V to 1.95V
0.7xVDD
3.6
V
VIL
LOW Level input voltage
(SYNC_SEL, EN)
VDD = 2.65V to 3.6V
VL = 1.65V to 1.95V
00.3xVDD
V
IIH
HIGH Level input current
(SYNC_SEL, EN)
VIH = 0.7xVDD
±10
µA
IIL
LOW Level input current
(SYNC_SEL, EN)
VIL= 0.3xVDD
±10
µA
VOH
HIGH Level output voltage
(D1-D8, H-SYNC, V-SYNC,
CLK)
IOH = -8mA
2.0
V
IOH = -4mA
2.4
V
VOL
LOW Level output voltage
(D1-D8, H-SYNC, V-SYNC,
CLK)
IOL = +8mA
0.60
V
VIH2
HIGH Level input voltage
(I/OVL1, I/OVL2)
VDD = 2.65V to 3.6V
VL = 1.65V to 1.95V
0.7xVL
V
HIGH Level input voltage
(I/OVDD1, I/OVDD2)
VDD = 2.65V to 3.6V
VL = 1.65V to 1.95V
0.7xVDD
V
VIL2
LOW Level input voltage
(I/OVL1, I/OVL2)
VDD = 2.65V to 3.6V
VL = 1.65V to 1.95V
00.25
V
LOW Level input voltage
(I/OVDD1, I/OVDD2)
VDD = 2.65V to 3.6V
VL = 1.65V to 1.95V
00.25
V
VOH2
HIGH Level output voltage
(I/OVL1, I/OVL2)
IOH = -20µA
VI/OVDD = VDD
VL-0.4
V
HIGH Level output voltage
(I/OVDD1, I/OVDD2)
IOH = -20µA
VI/OVL = VL
VDD-0.4
V
VOL2
LOW Level output voltage
(I/OVL1, I/OVL2, I/OVDD1,
I/OVDD2)
IOL= +1mA,
VI/OVLor VI/OVDD = Gnd
0.35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com