Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV0202FA-R500FN-95 Datasheet(PDF) 1 Page - Vishay Barry

Part # TV0202FA-R500FN-95
Description  Alumina and BeO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

TV0202FA-R500FN-95 Datasheet(HTML) 1 Page - Vishay Barry

  TV0202FA-R500FN-95 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TV0202*ZZ-XXXXWN-AA
Alumina and BeO
CHIP TERMINATION
General Description:
The TV0202 series is a chip termination with a
frequency range up to 6 GHz. It offers a small package
design and has a peak voltage of 20V. It is available in
BeO and Alumina with several mounting options.
See below for ordering options and RF specs.
WWW.BARRYIND.COM
EA - G old pad with Palladium Silver G round
FA - G old pad with Platinum G old G round
GA - G old
0.5....R500
1 ......1R00
10.....10R0
50.....50R0
100...1000
150...1500
1K.....1001
10K...1002
100K.1003
470K.4703
1M ....1004
F - 1%
G - 2%
J - 5%
K - 10%
L - 20%
X - Special
-90 - .010" Alum ina
-91 - .015" Alum ina
-95 - .010" BeO
-96 - .015" BeO
-98 - .025" BeO
Features:
Barry Industries reserves the right to change part number and or process without notification.
n
o
it
a
n
i
g
i
r
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
3
0
/
9
2
/
0
1
8
0
/
1
0
/
7
0
B
*
RoHS
COMPLIANT
TM
♦ Compact Design
♦ DC - 6 GHz Performance
♦ Several Mounting Options Available
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Similar Part No. - TV0202FA-R500FN-95

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
TV02DB11-H9 AMPHENOLPCD-TV02DB11-H9 Datasheet
3Mb / 12P
HIGH DENSITY INTERCONNECTS
TV02DB11-J9 AMPHENOLPCD-TV02DB11-J9 Datasheet
3Mb / 12P
HIGH DENSITY INTERCONNECTS
TV02DB11-P9 AMPHENOLPCD-TV02DB11-P9 Datasheet
3Mb / 12P
HIGH DENSITY INTERCONNECTS
TV02DB11-S9 AMPHENOLPCD-TV02DB11-S9 Datasheet
3Mb / 12P
HIGH DENSITY INTERCONNECTS
TV02DB13-H9 AMPHENOLPCD-TV02DB13-H9 Datasheet
3Mb / 12P
HIGH DENSITY INTERCONNECTS
More results

Similar Description - TV0202FA-R500FN-95

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RP0502ZZ-XXXXWN-YY BARRY-RP0502ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
11/05/12
RP0504ZZ-XXXXWN-YY BARRY-RP0504ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
Rev.A 11/23/11
RK0302CB-XXXXWN-AA BARRY-RK0302CB-XXXXWN-AA Datasheet
545Kb / 1P
BeO or Alumina
11/21/06
RK0402ZZ-XXXXWN-YY BARRY-RK0402ZZ-XXXXWN-YY Datasheet
99Kb / 1P
BeO or Alumina
Rev.A 11/03/09
RK0502ZZ-XXXXWN-YY BARRY-RK0502ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
11/02/07
RK0505ZZ-XXXXWN-YY BARRY-RK0505ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
Rev.A 12/10/07
RK1005ZZ-XXXXWN-YY BARRY-RK1005ZZ-XXXXWN-YY Datasheet
102Kb / 1P
BeO or Alumina
Rev.A 06/02/14
RK1206ZZ-XXXXWN-YY BARRY-RK1206ZZ-XXXXWN-YY Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
RS1005ZZ-XXXXWN-YY BARRY-RS1005ZZ-XXXXWN-YY Datasheet
49Kb / 1P
BeO or Alumina Material
03/22/12
RE0805CT-XXXXJN-AA BARRY-RE0805CT-XXXXJN-AA Datasheet
185Kb / 1P
BeO, BeO FREE, or Alumina
Rev.B 03/25/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com