Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-1208LS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # USB-1208LS
Description  12-bit and 14-Bit Multifunction DAQ Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-1208LS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  USB-1208LS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-1208LS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-1208LS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-1208LS Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-1208LS Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-1208LS Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-1208LS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB-1208FS-Plus/LS/1408FS-Plus Series
Specifications
Noise Performance
USB-1208FS-Plus
Range
Typical Counts
Least Significant
BitRoot Mean Square
(LSBRMS)
Differential Mode
±20 V
2
0.30
±10 V
2
0.30
±5 V
3
0.45
±4 V
3
0.45
±2.5 V
4
0.61
±2 V
5
0.76
±1.25 V
7
1.06
±1 V
8
1.21
Single-Ended Mode
±10 V
2
0.30
USB-1408FS-Plus
Range
Typical Counts
Least Significant
BitRoot Mean Square
(LSBRMS)
Differential Mode
±20 V
8
1.21
±10 V
8
1.21
±5 V
9
1.36
±4 V
10
1.51
±2.5 V
12
1.81
±2 V
14
2.12
±1.25 V
18
2.72
±1 V
22
3.33
Single-Ended Mode
±10 V
8.0
1.21
Analog Output
Resolution: 12 bits, 1 in 4096
Output range: 0 V to 5 V
Number of channels: 2
Throughput
Software paced: 250 S/s single channel typ, system-dependent
Hardware paced: 50 kS/s max per channel
Power on and reset voltage: 0 V, ±20 mV typ, initializes to 000h code
Output drive (each D/A out): 5 mA, sourcing
Slew Rate: 0.8 V/µs typ
Accuracy, all values are (±), 0 V to 5 V: 4.0 LSB typ, 45.0 LSB max (accuracy
tested at no load)
Analog output accuracy components, all values are (±)
Range: 0 V to 5 V
% of FSR: 0.1 typ, 0.9 max
Gain error at full scale: 4.0 mV typ, 36.0 mV max
Offset: 1.0 mV typ, 9.0 mV max
Zero-scale offsets may result in a fixed zero-scale error producing a dead-band
digital input code region. In this case, changes in digital input code of less than
0x040 may not produce a corresponding change in the output voltage. The
offset error is tested and specified at code 0x040.
Accuracy at FS: 4.0 mV typ, 45.0 mV max
Digital I/O
Digital type: CMOS
Number of I/O: 16 (Port A0 through A7, Port B0 through B7)
Configuration: 2 banks of 8 (port B is the high-current drive)
Pull-up/down configuration: All pins pulled up to 5 V via 47 kΩ resistors (default).
Change to pull-down using internal user-configurable jumpers.
Input high voltage: 2.0 V min, 5.5 V absolute max
Input low voltage: 0.8 V max, –0.5 V absolute min, 0 V recommended min
Output high voltage, port A: 4.4 V min (IOH = –20 µA), 3.84 V min
(IOH = –6.0 mA)
Output low voltage, port A: 0.1 V max (IOL = 20 µA), 0.33 V max
(IOL = 6.0 mA)
Output high voltage, port B: 4.4 V min (IOH = –50 µA), 3.76 V min
(IOH = –24.0 mA)
Output low voltage, port B: 0.1 V max (IOH = 50 µA), 0.44 V max
(IOH = 24.0 mA)
Power on and reset state: Input
External Trigger
Trigger source: External digital, TRIG_IN
Trigger mode: Edge or level sensitive; software-selectable for CMOS compatible
rising or falling edge, high or low level.
Trigger latency: 10 µs max
Trigger pulse width: 1 µs min
Input type: Schmitt trigger, 47 kΩ pull-down to ground
Schmitt trigger hysteresis: 1.01 V typ, 0.6 V min, 1.5 V max
Input high voltage threshold: 2.43 V typ, 1.9 V min, 3.1 V max
Input high voltage limit: 5.5 V absolute max
Input low voltage threshold: 1.42 V typ, 1.0 V min, 2.0 V max
Input low voltage limit: –0.5 V absolute min, 0 V recommended min
External Clock Input/Output
Pin name: SYNC
Pin type: Bidirectional
Direction (software-selectable)
Input (default): Receives A/D clock from external source. Active on rising edge.
Output: Outputs internal A/D clock. Active on rising edge.
Input clock rate
USB-1208FS-Plus: 50 kHz, max
USB-1408FS-Plus: 48 kHz, max
Clock pulse width
Input mode: 1 µs min
Output mode: 5 µs min
Input type: Schmitt trigger, 47 kΩ pull-down to ground
Schmitt trigger hysteresis: 1.01 V typ, 0.6 V min, 1.5 V max
Input high voltage threshold: 2.43 V typ, 1.9 V min, 3.1 V max
I
nput high voltage limit: 5.5 V absolute max
Input low voltage threshold: 1.42 V typ, 1.0 V min, 2.0 V max
Input low voltage limit: –0.5 V absolute min, 0 V recommended min
Output high voltage: 4.4 V min (IOH = –50 µA), 3.80 V min (IOH = –8 mA)
Output low voltage: 0.1 V max (IOL = 50 µA), 0.44 V max (IOL = 8 mA)
Counter
Pin name: CTR
Counter type: Event counter
Number of channels: 1
Input type: Schmitt trigger, 47 kΩ pull-down to ground
Input Source: CTR screw terminal
Resolution: 32 bits
Maximum input frequency: 1 MHz
High pulse width: 500 ns min
Low pulse width: 500 ns min
Schmidt trigger hysteresis: 1.01 V typ, 0.6 V min, 1.5 V max
Input high voltage threshold: 2.43 V typ, 1.9 V min, 3.1 V max
Input high voltage limit: 5.5 V absolute max
Input Low voltage threshold: 1.42 V typ, 1.0 V min, 2.0 V max
Input low voltage limit: –0.5 V absolute min, 0 V recommended min
Non-Volatile Memory
EEPROM: 2,048 bytes (768 bytes calibration, 256 bytes user,1,024 bytes system data)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com