Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC02 Datasheet(PDF) 2 Page - Ceramate Technical

Part # 24LC02
Description  2048-Bits Serial EEPROM with Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LC02 Datasheet(HTML) 2 Page - Ceramate Technical

  24LC02 Datasheet HTML 1Page - Ceramate Technical 24LC02 Datasheet HTML 2Page - Ceramate Technical 24LC02 Datasheet HTML 3Page - Ceramate Technical 24LC02 Datasheet HTML 4Page - Ceramate Technical 24LC02 Datasheet HTML 5Page - Ceramate Technical 24LC02 Datasheet HTML 6Page - Ceramate Technical 24LC02 Datasheet HTML 7Page - Ceramate Technical 24LC02 Datasheet HTML 8Page - Ceramate Technical 24LC02 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24LC02
2048-Bits Serial EEPROM with Write Protect
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 2 of 12
Rev 1.0 Dec. 26, 2001
!
  
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE
ADDRESS
REGISTER
&
COMPARATOR
WORD
ADDRESS
COUNTER
H.V.
GENERATION
TIMING
&
CONTROL
XDEC
EEPROM
ARRAY
DATA
BIT
64X4X8
YDEC
DATA
REGISTER
DOUT
ACK
SDA
SCL
A0
A1
A2
VCC
VSS
Din
R/W ~
2
8
Dout
4
64
6
inc
load
ck
start cycle
!
  
% &=°+ A! °+
)  ?  &@
 A
=)
:7'   %7%%                 
 ,  <  < 
!
   
 ' 48+ B °+ A(°+ 2+ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com