Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40KV016 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # DOM40KV016
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40KV016 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  DOM40KV016 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM40KV016 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40KV016 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40KV016 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40KV016 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40KV016 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40KV016 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40KV016 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40KV016 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
HANBit
HFDOM40KVxxx
URL:www.hbe.co.kr
3 / 3
HANBit Electronics Co., Ltd.
Rev. 1.1 (December, 2003)
CAPACITY SPECIFICATIONS
Table 1.4 Capacity Specifications
Part Number
Capacity (formatted)
Cylinders
Heads
Sectors
NOTE
HFDOM40KB016
15,32Mbytes
984
16
2
HFDOM40KB032
30,65 Mbytes
984
16
4
HFDOM40KB064
61,32 Mbytes
984
16
8
HFDOM40KB096
91,98 Mbytes
984
16
12
122,64 Mbytes
984
16
16
HFDOM40KB128
119,65 Mbytes
960
16
16
K9K1G08UOM
HFDOM40KB192
183,96 Mbytes
984
16
24
245,28 Mbytes
984
16
32
HFDOM40KB256
239,29 Mbytes
960
16
32
K9K1G08UOM
369,91 Mbytes
984
16
48
HFDOM40KB384
357,86 Mbytes
960
16
48
K9K1G08UOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com