Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61300 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP61300
Description  2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP61300 Datasheet HTML 1Page - Diodes Incorporated AP61300 Datasheet HTML 2Page - Diodes Incorporated AP61300 Datasheet HTML 3Page - Diodes Incorporated AP61300 Datasheet HTML 4Page - Diodes Incorporated AP61300 Datasheet HTML 5Page - Diodes Incorporated AP61300 Datasheet HTML 6Page - Diodes Incorporated AP61300 Datasheet HTML 7Page - Diodes Incorporated AP61300 Datasheet HTML 8Page - Diodes Incorporated AP61300 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AP61300/AP61302
Document number: DS43404 Rev. 3 - 2
2 of 21
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61300/AP61302
Typical Application Circuit
AP61300
VIN
EN
SW
FB
GND
INPUT
R1
200kΩ
R2
100kΩ
C2
22µF
C1
22µF
OUTPUT
VOUT
1.8V
OUT
L
1μH
AP61302
(AP61300)
VIN
EN
SW
FB
GND
INPUT
R1
200kΩ
R2
100kΩ
C2
22µF
C1
22µF
OUTPUT
VOUT
1.8V
PG
(OUT)
L
1μH
C3
33pF
Figure 1. Typical AP61300 Application Circuit
Figure 2. Typical AP61302 (AP61300 OUT as NC) Application Circuit
Figure 3. PFM Efficiency vs. Output Current
Figure 4. PWM Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VIN = 5V, VOUT = 3.3V, L = 1
μH
VIN = 5V, VOUT = 1.8V, L = 1
μH
VIN = 3.3V, VOUT = 2.5V, L = 1
μH
VIN = 3.3V, VOUT = 1.8V, L = 1
μH
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VIN = 5V, VOUT = 3.3V, L = 1
μH
VIN = 5V, VOUT = 1.8V, L = 1
μH
VIN = 3.3V, VOUT = 2.5V, L = 1
μH
VIN = 3.3V, VOUT = 1.8V, L = 1
μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com