Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61300Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP61300Q
Description  AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP61300Q Datasheet HTML 9Page - Diodes Incorporated AP61300Q Datasheet HTML 10Page - Diodes Incorporated AP61300Q Datasheet HTML 11Page - Diodes Incorporated AP61300Q Datasheet HTML 12Page - Diodes Incorporated AP61300Q Datasheet HTML 13Page - Diodes Incorporated AP61300Q Datasheet HTML 14Page - Diodes Incorporated AP61300Q Datasheet HTML 15Page - Diodes Incorporated AP61300Q Datasheet HTML 16Page - Diodes Incorporated AP61300Q Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AP61300Q/AP61302Q
Document number: DS44605 Rev. 1 - 2
13 of 21
www.diodes.com
January 2022
© Diodes Incorporated
AP61300Q/AP61302Q
Application Information
1
Pulse Width Modulation (PWM) Operation
The AP61300Q/AP61302Q device is an automotive-compliant, 2.4V-to-5.5V input, 3A output, fully integrated synchronous buck converter. Refer
to the block diagram in Figure 5. The device employs constant on-time control to provide fast transient response and easy loop stabilization. At the
beginning of each cycle, the one-shot pulse turns on the high-side power MOSFET, Q1, for a fixed on-time, tON. This one-shot on-pulse timing is
calculated by the converter’s input voltage and output voltage to maintain a pseudo-fixed frequency over the input voltage range. When Q1 is on,
the inductor current rises linearly and the device charges the output capacitor. Q1 turns off after the fixed on-time expires, and the low-side power
MOSFET, Q2, turns on. Once the output voltage drops below the output regulation, Q2 turns off. The one-shot timer is then reset and Q1 turns on
again. The on-time is inversely proportional to the input voltage and directly proportional to the output voltage. It is calculated by the following
equation:
������������������ =
������������������������
������������������ ∙ ������������������
Eq. 1
Where:
VIN is the input voltage
VOUT is the output voltage
fSW is the switching frequency
The off-time duration is tOFF and starts after the on-time expires. The off-time expires when the feedback voltage decreases below the reference
voltage, which then triggers the on-time duration to start again. The minimum off-time is 70ns typical.
2
Pulse Frequency Modulation (PFM) Operation
The AP61300Q/AP61302Q can be programmed to enter PFM operation at light load conditions for high efficiency. During light load conditions, the
regulator automatically reduces the switching frequency. As the output current decreases, so too does the inductor current. The inductor current, IL,
eventually reaches 0A, marking the boundary between Continuous Conduction Mode (CCM) and Discontinuous Condition Mode (DCM). During
this time, both Q1 and Q2 are off, and the load current is provided only by the output capacitor. When VFB becomes lower than 0.6V, the next
cycle begins, and Q1 turns on. Because the AP61300Q/AP61302Q can work in PFM during light load conditions, it can achieve power efficiency of
up to 84% at a 5mA load condition.
Likewise, as the output load increases from light load to heavy load, the switching frequency increases to maintain the regulation of the output
voltage. The transition point between light and heavy load conditions can be calculated using the following equation:
������������������������������ = (
������������������ − ������������������������
������������
) ∙ ������������������
Eq. 2
Where:
L is the inductor value
The quiescent current of AP61300Q/AP61302Q is 19
μA typical under a no-load, non-switching condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com